Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0007
Description  Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
Rev. V4
MAATCC0007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1 dB Bit @ R, H & C
2 dB Bit @ R, H & C
4 dB Bit @ R, H & C
Typical Performance Curves
Insertion Loss @ R, H & C
1
2
3
0
500
1000
1500
2000
Fre que ncy (MHz )
+ 25°C
+ 85°C
- 40 °C
0.8
1
1.2
1.4
1.6
0
500
1000
1500
2000
Fre que ncy (MHz )
1.6
1.8
2
2.2
2.4
0
500
1000
1500
2000
Fre que ncy (MHz )
3.6
3.8
4
4.2
4.4
0
500
1000
1500
2000
Fre que ncy (MHz )
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
C16
C8
C4
C2
C1
Attenuation
0
0
0
0
0
Loss, Reference
0
0
0
0
1
1.0 dB
0
0
0
1
0
2.0 dB
0
0
1
0
0
4.0 dB
0
1
0
0
0
8.0 dB
1
0
0
0
0
16.0 dB
1
1
1
1
1
31.0 dB
0 = TTL Low; 1 = TTL High



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com