Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0010TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0010TR
Description  Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0010TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0010TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0010TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0010TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0010TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0010TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0010TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAATCC0010
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3.0 GHz
dB
—
3.6
4.0
Attenuation Accuracy
DC - 3.0 GHz
DC - 3.0 GHz
dB
dB
—
—
—
—
±(.3 +5% of atten setting)
±(.5 +7% of atten setting)
VSWR
DC - 3.0 GHz
Ratio
—
2.0:1
2.2:1
Switching Speed
—
—
ns
ns
—
—
75
20
150
50
1 dB Compression
50 MHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+21
+24
—
—
Input IP3
50 MHz
0.5 - 3.0 GHz
dB
dB
—
—
+35
+48
—
—
Vcc
Vee
—
—
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
—
—
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
—
uA
-1.0
—
1.0
Test Conditions
—
Individual Bits 1-2-4-8-16 dB
Any Combination of Bits 1 to 31 dB
Full Range
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
—
—
Two-tone inputs up to +5 dBm
—
—
LOW-level input voltage
HIGH-level input voltage
Vin = VCC or GND
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
—
uA
—
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
—
mA
—
—
1.0
Thermal Resistance θjc
—
—
°C/W
—
35
—
IEE
VEE min to max, Vin = VIL or VIH
—
mA
-1.0
-0.2
—
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration
6
6.
Application Note S2083 is available on line at www.macom.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com