Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0022SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0022SMB
Description  Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0022SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0022SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 5-Bit, 15.5 dB
500 - 2500 MHz
Rev. V2
MAATSS0022
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 5 Bits, 0.5 dB Steps
• Excellent Accuracy
• Single Positive Control (+3 V to +5 V)
• Lead-Free MSOP-10 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAATSS0022 is a 0.5 dB step GaAs
MMIC digital attenuator with 15.5 dB attenuation
range in a lead-free MSOP-10 package. It requires
external DC blocking capacitors on the RF ports,
positive supply voltage and five individual bit control
voltages.
The MAATSS0022 is particularly suited where high
attenuation accuracy, low insertion loss and low
intermodulation products are required.
Typical
applications include base stations, wireless data,
and wireless local loop gain level control circuits.
The MAATSS0022 is fabricated using M/A-COM’s
GaAs 1.0 micron process. The process features full
chip passivation for increased performance and
reliability.
Recommended Configuration
Ordering Information
1
Part Number
Package
MAATSS0022
Bulk Packaging
MAATSS0022TR-3000
3000 piece reel
MAATSS0022SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
6
RF Port 2
2
VC2
7
Ground
3
VC3
8
Ground
4
VC4
9
Ground
5
VC5
10
RF Port 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
GND
Vs
10K
0.1uF
0.1uF
RF1
RF2
0.5 dB
1 dB
2 dB
4 dB
8 dB
VC5
VC4
VC3
VC2
VC1
GND
GND
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+34 dBm
Voltage
+7 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAATSS0022SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0022SMB MACOM-MAATSS0022SMB Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0022SMB MA-COM-MAATSS0022SMB Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results

Similar Description - MAATSS0022SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com