Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB10F3L2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # CB10F3L2
Description  Qualifi ed Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10F3L2 Datasheet(HTML) 2 Page - Glenair, Inc.

  CB10F3L2 Datasheet HTML 1Page - Glenair, Inc. CB10F3L2 Datasheet HTML 2Page - Glenair, Inc. CB10F3L2 Datasheet HTML 3Page - Glenair, Inc. CB10F3L2 Datasheet HTML 4Page - Glenair, Inc. CB10F3L2 Datasheet HTML 5Page - Glenair, Inc. CB10F3L2 Datasheet HTML 6Page - Glenair, Inc. CB10F3L2 Datasheet HTML 7Page - Glenair, Inc. CB10F3L2 Datasheet HTML 8Page - Glenair, Inc. CB10F3L2 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
30
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934A10*L0
10 pin cable plug with two
piece shielded backshell.
Requires heatshrink boot
for watertight seal. Not for
new design
. Replaced by
Style J. Maximum weight
11 grams.
Key
Pos.
VG Part Number
Glenair Part no.
N
VG96934A10NL0
CB10A1L0
W
VG96934A10WL0
CB10A2L0
X
VG96934A10XL0
CB10A3L0
Y
VG96934A10YL0
CB10A4L0
Z
VG96934A10ZL0
CB10A5L0
Ø 18.0
MAX
Ø 16.0
10.5
MAX
18.0
30.5
MAX
A
B
C
D E
F
G
H
J
K
A
B
C
D
E
F
G
K
H
J
Terminal
Style
Key
Pos.
VG Part Number
Glenair Part no.
L0
Solder Cup
N
VG96934B10NL0
CB10B1L0
W
VG96934B10WL0
CB10B2L0
X
VG96934B10XL0
CB10B3L0
Y
VG96934B10YL0
CB10B4L0
Z
VG96934B10ZL0
CB10B5L0
L1
Standard PC Tail
N
VG96934B10NL1
CB10B1L1
W
VG96934B10WL1
CB10B2L1
X
VG96934B10XL1
CB10B3L1
Y
VG96934B10YL1
CB10B4L1
Z
VG96934B10ZL1
CB10B5L1
VG96934B10*L*
10 pin receptacle with panel mounting
flange. Maximum weight 19 grams.
L2
Extended PC Tail
N
VG96934B10NL2
CB10B1L2
W
VG96934B10WL2
CB10B2L2
X
VG96934B10XL2
CB10B3L2
Y
VG96934B10YL2
CB10B4L2
Z
VG96934B10ZL2
CB10B5L2
Detail A Terminal Styles
A
B
C
D
E
F
G
H
J
Ø 3.7/3.3 THRU
HOLE 2 PLCS
RAD 3.5
25.0 ± 0.1
20.5
MAX.
32.0 MAX.
Ø 13.5
MAX.
1.5 ±
0.15
13
MAX.
DETAIL A
LOCATION OF
POLARIZING
COLOR CODE
Ø 12.8
MAX.
Ø 18.0
L0
SOLDER CUP
2.5
1.14 MAX.
1.0 MAX.
L1
STANDARD
PC TAIL
3.5
0.45/0.53
L2
EXTENDED
PC TAIL
2.9/3.0
8
0.45/
0.50
VG96934 STYLE A: CABLE PLUG WITH SHIELDED BACKSHELL
VG96934 STYLE B: FLANGE MOUNT RECEPTACLE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com