Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL30IV Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 17Page - Exar Corporation XRT86VL30IV Datasheet HTML 18Page - Exar Corporation XRT86VL30IV Datasheet HTML 19Page - Exar Corporation XRT86VL30IV Datasheet HTML 20Page - Exar Corporation XRT86VL30IV Datasheet HTML 21Page - Exar Corporation XRT86VL30IV Datasheet HTML 22Page - Exar Corporation XRT86VL30IV Datasheet HTML 23Page - Exar Corporation XRT86VL30IV Datasheet HTML 24Page - Exar Corporation XRT86VL30IV Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
XRT86VL30
16
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
3-2
CRC MF Align
Sel[1:0]
R/W
00
CRC Multiframe Alignment Declaration Criteria Select [1:0]
These two bits allow the user to select which CRC-Multiframe Alignment
Declaration criteria the Receive E1 Framer block will employ. The Receive
E1 Framer block will check for CRC Multiframe Alignment by checking the
incoming E1 data-stream and determining whether the international bits (bit
1 of timeslot 0) of non-FAS frames match the CRC multiframe alignment
pattern (0,0,1,0,1,1,E1,E2). The table below provides more details on the
three different CRC Multiframe Alignment Declaration Criteria.
NOTE: For information on the criteria that the Receive E1 Framer block
uses to declare the “Loss of CRC Multiframe Alignment” defect
condition, please see register description for the Framing Control
Register (FCR - 0x010B)
1
Additional Frame
Check Enable -
FAS
R/W
0
Additional Frame Check Enable - FAS Frame Alignment Declaration
This bit permits the user to configure the Receive E1 Framer block to per-
form some “additional FAS frame synchronization checking” prior to declar-
ing “FAS Frame Alignment”. If the user implements this feature, then the
Receive E1 Framer block will perform some more testing on two additional
E1 frames, prior to declaring the “FAS Frame Alignment” condition.
0 - Disables this additional FAS frame checking.
1 - Enables this additional FAS frame checking.
TABLE 4: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0X0107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
CRC MF
ALIGN SEL
[1:0]
CRC MULTIFRAME ALIGNMENT DECLARATION CRITERIA
SELECTED
00
CRC Multiframe Alignment is Disabled
01
CRC Multiframe Alignment is Enabled. Alignment is
declared if at least 1 valid CRC multiframe alignment
signal (0,0,1,0,1,1,E1,E2) is observed within 8ms.
10
CRC Multiframe Alignment is Enabled. Alignment is
declared if at least 2 valid CRC multiframe alignment
signals (0,0,1,0,1,1,E1,E2) are observed within 8ms.
11
CRC Multiframe Alignment is Enabled. Alignment is
declared if at least 3 valid CRC multiframe alignment
signals (0,0,1,0,1,1,E1,E2) are observed within 8ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com