Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL30 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 35Page - Exar Corporation XRT86VL30 Datasheet HTML 36Page - Exar Corporation XRT86VL30 Datasheet HTML 37Page - Exar Corporation XRT86VL30 Datasheet HTML 38Page - Exar Corporation XRT86VL30 Datasheet HTML 39Page - Exar Corporation XRT86VL30 Datasheet HTML 40Page - Exar Corporation XRT86VL30 Datasheet HTML 41Page - Exar Corporation XRT86VL30 Datasheet HTML 42Page - Exar Corporation XRT86VL30 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
XRT86VL30
37
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
1.8V POWER SUPPLY PINS
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
DESCRIPTION
DVDD1v8
4, 41,
56, 63,
78, 105
1, 23,
36, 65
PWR
Framer Block Power Supply
AVDD1v8
16
11
PWR
VDDPLL1v8
20, 21
13, 14
PWR
Analog Power Supply for PLL
3.3V POWER SUPPLY PINS
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
DESCRIPTION
DVDD3v3
2, 37,
52, 92
80, 21,
28
PWR
Framer Block Power Supply
RVDD3v3
15
10
PWR
Receiver Analog Power Supply for LIU Section
TVDD3v3
7
4
PWR
Transmitter Analog Power Supply for LIU Section
GROUND PINS
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
DESCRIPTION
DGND
5, 29,
48, 60,
72, 83,
87, 102,
109, 110
2, 27,
33, 62,
69, 70
GND
Framer Block Ground
AGND
17
12
GND
Analog Ground for LIU Section
RGND
12
7
GND
Receiver Analog Ground for LIU Section
TGND
9
6
GND
Transmitter Analog Ground for LIU Section
PLLGND
22, 23
15, 16
GND
Analog Ground for PLL
NO CONNECT PINS
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
DESCRIPTION
NC
3, 34,
35, 66,
67, 98,
99
n/a
NC
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com