Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL30IV Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL30IV
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 17Page - Exar Corporation XRT86VL30IV Datasheet HTML 18Page - Exar Corporation XRT86VL30IV Datasheet HTML 19Page - Exar Corporation XRT86VL30IV Datasheet HTML 20Page - Exar Corporation XRT86VL30IV Datasheet HTML 21Page - Exar Corporation XRT86VL30IV Datasheet HTML 22Page - Exar Corporation XRT86VL30IV Datasheet HTML 23Page - Exar Corporation XRT86VL30IV Datasheet HTML 24Page - Exar Corporation XRT86VL30IV Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
XRT86VL30
19
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
RxCRCSYNC
39
22
O
12
Receive Multiframe Sync Pulse (RxCRCSYNC):
The RxCRCSYNC pin is used to indicate the receive multi-
frame boundary. This pin pulse "High" for one period of
RxSERCLK when the first bit of an inbound DS1/E1 Multi-
frame is being output on the RxCRCSYNC pin.
• In DS1 ESF mode, RxCRCSYNC repeats every 3ms
• In DS1 SF mode, RxCRCSYNC repeats every 1.5ms
• In E1 mode, RxCRCSYNC repeats every 2ms.
RxCASYNC
30
19
O
12
Receive CAS Multiframe Sync Pulse (RxCASYNC):
- E1 Mode Only
The RxCASYNC pin is used to indicate the E1 CAS Multif-
frame boundary. This pin pulses "High" for one period of
RxSERCLK when the first bit of an E1 CAS Multi-frame is
being output on the RxCASYNC pin.
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
128-PIN#
80-PIN#
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com