Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL30 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 17Page - Exar Corporation XRT86VL30 Datasheet HTML 18Page - Exar Corporation XRT86VL30 Datasheet HTML 19Page - Exar Corporation XRT86VL30 Datasheet HTML 20Page - Exar Corporation XRT86VL30 Datasheet HTML 21Page - Exar Corporation XRT86VL30 Datasheet HTML 22Page - Exar Corporation XRT86VL30 Datasheet HTML 23Page - Exar Corporation XRT86VL30 Datasheet HTML 24Page - Exar Corporation XRT86VL30 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
XRT86VL30
16
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
5-4
YEL[1:0]
R/W
00
Yellow Alarm (RAI) Duration and Format
The exact function of these bits depends on whether or not the one-second yellow
alarm rule is enforced. (Bit 7 of this register). The decoding of these bits are
explained in Table 6 and Table 7 below.
TABLE 5: ALARM GENERATION REGISTER (AGR)
HEX ADDRESS: 0X0108
BIT
FUNCTION
TYPE DEFAULT
DESCRIPTION-OPERATION
TABLE 6: YELLOW ALARM DURATION AND FORMAT WHEN ONE SECOND RULE IS NOT
ENFORCED
YEL[1:0]
YELLOW ALARM DURATION AND FORMAT
00
Disable the transmission of yellow alarm
01
SF or N mode:
RAI is transmitted as bit 2 = 0 (second MSB) in all DS0 data chan-
nel.
T1DM mode:
RAI is transmitted as Y-bit = 0 (6th bit in the SYNC byte).
ESF mode:
1. If YEL[0] bit is set ’high’ for a duration shorter or equal to the
time
required
to
transmit
255
patterns
of
1111_1111_0000_0000 on the 4-kbit/s data link bits (M1-
M12),
RAI
is
transmitted
for
255
patterns.of
1111_1111_0000_0000 (approximately 1 second)
2. If YEL[0] bit is set ’high’ for a duration longer than the time
required to transmit 255 patterns of 1111_1111_0000_0000
on the 4-kbit/s data link bits (M1-M12), RAI transmission
continues until YEL[0] bit is set ’low’.
3. If
YEL[0]
bit
forms
another
pulse
during
the
RAI
transmission, it resets the pattern counter and extends the
RAI
duration
for
another
255
patterns
of
1111_1111_0000_0000. (approximately 1 second)
10
SF mode:
RAI is transmitted as a “1” in the Fs bit of frame 12 (This is RAI for
J1 SF standard).
T1DM mode:
RAI is transmitted as Y-bit = 0 (6th bit in the SYNC byte).
ESF mode:
RAI is controlled by the duration of YEL[1] bit. This allows continu-
ous RAI of any length.
11
SF, N, and T1DM mode:
RAI format is the same as described above when YEL[1:0] is set
to’01’.
ESF mode:
RAI duration is the same as described above when YEL[1:0] is set
to’01’, except that format of RAI is transmitted as 255 patterns of
1111_1111_1111_1111 (sixteen ones) on the 4kbits/s data link bits
instead of 255 patterns of 1111_1111_0000_0000.
NOTE: 255 patterns of 1111_1111_1111_111 is the J1 ESF RAI
standard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com