Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL32IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT86VL32IB Datasheet HTML 1Page - Exar Corporation XRT86VL32IB Datasheet HTML 2Page - Exar Corporation XRT86VL32IB Datasheet HTML 3Page - Exar Corporation XRT86VL32IB Datasheet HTML 4Page - Exar Corporation XRT86VL32IB Datasheet HTML 5Page - Exar Corporation XRT86VL32IB Datasheet HTML 6Page - Exar Corporation XRT86VL32IB Datasheet HTML 7Page - Exar Corporation XRT86VL32IB Datasheet HTML 8Page - Exar Corporation XRT86VL32IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
XRT86VL3X
2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
APPLICATIONS
• High-Density T1/E1/J1 interfaces for Multiplexers,
Switches, LAN Routers and Digital Modems
• SONET/SDH terminal or Add/Drop multiplexers
(ADMs)
• T1/E1/J1 add/drop multiplexers (MUX)
• Channel Service Units (CSUs): T1/E1/J1 and
Fractional T1/E1/J1
• Digital Access Cross-connect System (DACs)
• Digital Cross-connect Systems (DCS)
• Frame Relay Switches and Access Devices
(FRADS)
• ISDN Primary Rate Interfaces (PRA)
• PBXs and PCM channel bank
• T3 channelized access concentrators and M13
MUX
• Wireless base stations
• ATM equipment with integrated DS1 interfaces
• Multichannel DS1 Test Equipment
• T1/E1/J1 Performance Monitoring
• Voice over packet gateways
• Routers
FEATURES
• Independent, full duplex DS1 Tx and Rx Framer/
LIUs
• Two 512-bit (two-frame) elastic store, PCM frame
slip buffers (FIFO) on TX and Rx provide up to
8.192 MHz asynchronous back plane connections
with jitter and wander attenuation
• Supports input PCM and signaling data at 1.544,
2.048, 4.096 and 8.192 Mbits. Also supports 4-
channel multiplexed 12.352/16.384 (HMVIP/H.100)
Mbit/s on the back plane bus
• Programmable output clocks for Fractional T1/E1/
J1
• Supports Channel Associated Signaling (CAS)
• Supports Common Channel Signalling (CCS)
• Supports ISDN Primary Rate Interface (ISDN PRI)
signaling
• Extracts and inserts robbed bit signaling (RBS)
• 3 Integrated HDLC controllers per channel for
transmit and receive, each controller having two
96-byte buffers (buffer 0 / buffer 1)
• HDLC Controllers Support SS7
• Timeslot assignable HDLC
• V5.1 or V5.2 Interface
• Automatic Performance Report Generation (PMON
Status) can be inserted into the transmit LAPD
interface
every
1
second
or
for
a
single
transmission
• Alarm Indication Signal with Customer Installation
signature (AIS-CI)
• Remote Alarm Indication with Customer Installation
(RAI-CI)
• Gapped Clock interface mode for Transmit and
Receive.
• Intel/Motorola and Power PC interfaces for
configuration, control and status monitoring
• Parallel search algorithm for fast frame
synchronization
• Wide choice of T1 framing structures: SF/D4, ESF,
SLC®96, T1DM and N-Frame (non-signaling)
• Direct access to D and E channels for fast
transmission of data link information
• PRBS, QRSS, and Network Loop Code generation
and detection
• Programmable Interrupt output pin
• Supports programmed I/O and DMA modes of
Read-Write access
• Each framer block encodes and decodes the T1/
E1/J1 Frame serial data
• Detects and forces Red (SAI), Yellow (RAI) and
Blue (AIS) Alarms
• Detects OOF, LOF, LOS errors and COFA
conditions
• Loopbacks: Local (LLB) and Line remote (LB)
• Facilitates Inverse Multiplexing for ATM
• Performance monitor with one second polling
• Boundary scan (IEEE 1149.1) JTAG test port
• Accepts external 8kHz Sync reference
• 1.8V Inner Core Voltage
• 3.3V I/O operation with 5V tolerant inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com