Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L31 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT91L31
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT91L31 Datasheet HTML 17Page - Exar Corporation XRT91L31 Datasheet HTML 18Page - Exar Corporation XRT91L31 Datasheet HTML 19Page - Exar Corporation XRT91L31 Datasheet HTML 20Page - Exar Corporation XRT91L31 Datasheet HTML 21Page - Exar Corporation XRT91L31 Datasheet HTML 22Page - Exar Corporation XRT91L31 Datasheet HTML 23Page - Exar Corporation XRT91L31 Datasheet HTML 24Page - Exar Corporation XRT91L31 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
XRT91L31
21
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
2.8
Receive Parallel Output Interface
The 8-bit Single-Ended LVTTL running at 77.76 Mbps (STS-12/STM-4) or 19.44 Mbps (STS-3/STM-1) parallel
data output of the receive path is used to interface to a SONET Framer/ASIC synchronized to the recovered
clock. A simplified block diagram is shown in Figure 9.
2.9
Disable Parallel Receive Data Output Upon LOS
The parallel receiver outputs are automatically pulled "Low" or forced to a logic state of "0" during a LOS
condition (DLOOP or ALOOP not activated) to prevent data chattering unless LOS detection is disabled by
asserting DLOSDIS and keeping LOSEXT input pin "high." In addition, the user can also assert LOSEXT input
pin from the optical module to force an LOS and mute the parallel receiver outputs as well when DLOSDIS is
not enabled (LOW), see Figure 7).
FIGURE 9. RECEIVE PARALLEL OUTPUT INTERFACE BLOCK
SONET Framer/ASIC
XRT91L31
STS-12/STM-4
or
STS-3/STM-1
Transceiver
RXPCLKO
RXDO[7:0]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com