Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232ACT Datasheet(PDF) 5 Page - Exar Corporation

Part # SP232ACT
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232ACT Datasheet(HTML) 5 Page - Exar Corporation

  SP232ACT Datasheet HTML 1Page - Exar Corporation SP232ACT Datasheet HTML 2Page - Exar Corporation SP232ACT Datasheet HTML 3Page - Exar Corporation SP232ACT Datasheet HTML 4Page - Exar Corporation SP232ACT Datasheet HTML 5Page - Exar Corporation SP232ACT Datasheet HTML 6Page - Exar Corporation SP232ACT Datasheet HTML 7Page - Exar Corporation SP232ACT Datasheet HTML 8Page - Exar Corporation SP232ACT Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com
SP232A_00_05308
DESCRiPTion
Phase 4
Vdd transfer. The fourth phase connects the
negative terminal of C2 to ground and the posi-
tive terminal of C2 to the Vdd storage capacitor .
This transfers the doubled (V+) voltage onto C3.
Meanwhile, capacitor C is charged from Vcc to
prepare it for its next phase.
Under lightly loaded conditions, the intelligent
pump oscillator maximizes efficiency by running
only as needed to maintain V+ and V- voltage
levels. Since interface transceivers spend most
of their time at idle, this power-efficient innova-
tion can greatly reduce total power consump-
tion. This improvement is made possible by
the independent phase sequences of the Exar
charge pump design.
The clock rate of the charge pump typically op-
erates greater than 70kHz allowing the pump to
operate efficiently with small 0.1uF capacitors.
Efficient operation depends on rapid charging
and discharging of C and C2. Therefore, the
capacitors should be mounted as close as pos-
sible to the IC and have a low ESR (equivalent
series resistance). Inexpensive, surface mount
ceramic capacitors are ideal for use on charge
pump. If polarized capacitors are used the posi-
tive and negative terminals should be connect-
ed as shown on the typical operating circuit. A
diagram of the 4 individual phases is shown in
Figure .
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
e-
Phases 1 and 3: Store/Double.
Double charge from C1 onto C2.
C2 is now charged to -2xVcc
+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
+
e+
e+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
Phase 2 – Vss transfer from C2 to C4.
Meanwhile C1 is charged to Vcc
e-
e-
e-
+
Vss
transfer from C2 to C3.
Meanwhile C1 is charged to Vcc
V
DD
V-
V+
V-
V+
V+
Patented 5,306,954
Phase 4 VDD
Figure . Charge pump phases



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com