Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232ACP Datasheet(PDF) 3 Page - Exar Corporation

Part # SP232ACP
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232ACP Datasheet(HTML) 3 Page - Exar Corporation

  SP232ACP Datasheet HTML 1Page - Exar Corporation SP232ACP Datasheet HTML 2Page - Exar Corporation SP232ACP Datasheet HTML 3Page - Exar Corporation SP232ACP Datasheet HTML 4Page - Exar Corporation SP232ACP Datasheet HTML 5Page - Exar Corporation SP232ACP Datasheet HTML 6Page - Exar Corporation SP232ACP Datasheet HTML 7Page - Exar Corporation SP232ACP Datasheet HTML 8Page - Exar Corporation SP232ACP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com
SP232A_00_05308
DYnAMiC CHARACTERiSTiCS
Driver Propagation Delay
TTL to RS_232; CL = 50pF
.5
3.0
μs
Receiver Propagation Delay
RS-232 to TTL,
0.
.0
μs
Instantaneous Slew Rate
CL = 10pF, RL = 3-7kΩ
30
V/ μs
Transition Region Slew Rate
CL = 2500pF, RL = 3kΩ;
Measured from +3V to -3V or
-3V to +3V
0
V/ μs
PoWER REQUiREMEnTS
Vcc Power Supply Current
No Load, Vcc = 5V, Ta
=25°C
.5
5
mA
Vcc Power Supply Current, Loaded
All Transmitters RL = 3kΩ,
Ta
=25°C

mA
ELECTRiCAL CHARACTERiSTiCS
Vcc=5V ±0%, 0.
μF charge pump capacitors, Tmin to Tmax
, unless otherwise noted, Typical values are Vcc=5V
and Ta
=25°C
Pin ASSignMEnTS
Pin number
Pin name
Pin Function

C+
Positive terminal of the voltage doubler charge pump
capacitor
2
V+
+6.5V generated by the charge pump
3
C-
Negative terminal of the voltage doubler charge pump
capacitor
4
C2+
Positive terminal of the inverting charge pump capacitor
5
C2-
Negative terminal of the inverting charge pump capacitor
6
V-
-6.7V generated by the charge pump
7
T2OUT
RS-232 driver output
8
R2IN
RS-232 receiver input
9
R2OUT
TTL/CMOS receiver output
0
T2IN
TTL/CMOS driver input

TIN
TTL/CMOS driver input
2
ROUT
TTL/CMOS receiver output
3
RIN
RS-232 receiver input
4
TOUT
RS-232 driver output
5
GND
Ground
6
Vcc
5V supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com