Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP320 Datasheet(HTML) 3 Page - Exar Corporation

  SP320 Datasheet HTML 1Page - Exar Corporation SP320 Datasheet HTML 2Page - Exar Corporation SP320 Datasheet HTML 3Page - Exar Corporation SP320 Datasheet HTML 4Page - Exar Corporation SP320 Datasheet HTML 5Page - Exar Corporation SP320 Datasheet HTML 6Page - Exar Corporation SP320 Datasheet HTML 7Page - Exar Corporation SP320 Datasheet HTML 8Page - Exar Corporation SP320 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-707 • www.exar.com
SP320_00_092208
eLectricAL cHArActeristics
T
MIN to TMAX and Vcc = 5V +/-5% unless otherwise noted.
pArAMeter
Min.
tYp.
MAX.
Units conditions
rs-232 driVer
TTL Input Level V
IL
0.8
Volts
TTL Input Level V
IH
2.0
Volts
Voltage Outputs
High Level Output
+5.0
+5.0
Volts
R
L = 3kΩ to GND
Low Level Output
-5.0
-5.0
Volts
R
L = 3kΩ to GND
Open Circuit Voltage
-5.0
+5.0
Volts
R
L = ∞
Short Circuit Current
-00
+00
mA
R
L = GND
Power Off Impedance
300
Ohms
Vcc = 0V: V
OUT = +/-2V
AC Characteristics
Slew Rate
30
V/µs
R
L = 3kΩ, CL = 50pF; From +3V to
-3V or -3V to +3V, T
A = 25°C,
Vcc = +5V
Maximum Transmission Rate
20
kbps
R
L = 3kΩ, CL = 2500pF
Transition Time
.56
µs
Rise/fall time between +/-3V
R
L = 3kΩ, CL = 2500pF
Propagation Delay t
PHL
2
8
µs
R
L = 3kΩ, CL = 2500pF; from .5V of
T
IN to 50% of VOUT
Propagation Delay t
PLH
2
8
µs
R
L = 3kΩ, CL = 2500pF; from .5V of
T
IN to 50% of VOUT
rs-232 receiVer
TTL Output level Low V
OL
0.4
Volts
TTL Output level High V
OH
2.4
Volts
Receiver Input
Input Voltage Range
-5
+5
Volts
High Threshold
.7
3.0
Volts
Low Threshold
0.8
.2
Volts
Hysteresis
0.2
0.5
.0
Volts
Vcc = 5V; T
A = 25°C
Receiver Input Circuit Bias
+2.0V
Volts
Input Impedance
3
5
7
kOhms V
IN = +/-5V
AC Characteristics
Maximum Transmission Rate
20
kbps
Propagation Delay t
PHL
0.

µs
Measured from 50% of R
IN to .5V
of R
OUT
Propagation Delay t
PLH
0.

µs
Measured from 50% of R
IN to .5V
of R
OUT
power reqUireMents
No Load Vcc Supply Current
35
70
mA
No Load; Vcc = 5.0V; T
A = 25°C
Full Load Vcc Supply Current
60
mA
RS-232 Drivers R
L = 3kΩ to GND;
DC Input
V.35 Drivers R
L = 100Ω from A to B;
DC input
Shutdown Current
.5
mA
TS000 = ENV35 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com