Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP21111ECT-L Datasheet(PDF) 2 Page - Exar Corporation

Part # SP21111ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP21111ECT-L Datasheet(HTML) 2 Page - Exar Corporation

  SP21111ECT-L Datasheet HTML 1Page - Exar Corporation SP21111ECT-L Datasheet HTML 2Page - Exar Corporation SP21111ECT-L Datasheet HTML 3Page - Exar Corporation SP21111ECT-L Datasheet HTML 4Page - Exar Corporation SP21111ECT-L Datasheet HTML 5Page - Exar Corporation SP21111ECT-L Datasheet HTML 6Page - Exar Corporation SP21111ECT-L Datasheet HTML 7Page - Exar Corporation SP21111ECT-L Datasheet HTML 8Page - Exar Corporation SP21111ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
2
AbSOLuTE MAxIMuM RATINgS
These are stress ratings only and functional opera-
tion of the device at these or any other above those
indicatedintheoperationsectionsofthespecifica-
tions below is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect reliability.
V
CC ..................................................................+6V
V+ ...................................... (V
CC – 0.3V) to +3.2V
V– .................................................................3.2V
Input Voltages
T
IN ........................................ –0.3V to (VCC +0.3V)
R
IN .................................................................±20V
OutputVoltages
T
OUT ............................... (V
+
, +0.3V) to (V–, –0.3V)
R
OUT ...................................... –0.3V to (VCC +0.3V)
Short Circuit Duration on T
OUT ............. Continuous
SPECIFICATIONS
V
CC at nominal ratings; 0.µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
Power Dissipation Per Package
24-pinSSOP(derate11.2mW/oC above +70oC)....900mW
24-pinSOIC(derate12.5mW/oC above +70oC)...1000mW
28-pinSSOP(derate11.2mW/oC above +70oC)....900mW
28-pinSOIC(derate12.7mW/oC above +70oC)...1000mW
PARAMETER
MIN.
TYP.
MAx.
uNIT
CONDITIONS
TTL INPuTS
T
IN, EN, SD
Logic Threshold V
IL
0.8
Volts
Logic Threshold V
IH
2.0
Volts
LogicPull-UpCurrent
5
200
µA
T
IN = 0V
Maximum Transmission Rate
20
230
kbps
C
L = 000pF, RL=3kΩ
TTL OuTPuTS
Compatibility
TTL/CMOS
V
OL
0.4
Volts
I
OUT=3.2mA:Vcc=+5V
V
OH
3.5
Volts
I
OUT = -.0mA
Leakage Current
0.05
+/-10
µA
0V≤V
OUT≤Vcc;SP211EEN
= 0V; SP23E EN = Vcc, T
A =
+25ºC
RS-232 OuTPuT
OutputVoltageSwing
+/-5
+/-7
Volts
All transmitter outputs loaded
with3kΩtoground
OutputResistance
300
Ω
Vcc = 0V; V
OUT=+/-2V
OutputShortCircuitCurrent
+/-25
mA
Infinite Duration, V
OUT = 0V
RS-232 INPuT
Voltage Range
-5
+5
Volts
Voltage Threshold Low
0.8
.2
Volts
Vcc = 5V, T
A = +25ºC
Voltage Threshold High
.7
2.8
Volts
Vcc = 5V, T
A = +25ºC
Hysteresis
0.2
0.5
.0
Volts
Vcc = 5V
Resistance
3
5
7
kΩ
V
IN=+/-15V,TA = +25ºC
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
.5
µs
TTL to RS-232
Receiver Propagation Delay
0.5
.5
µs
RS-232 to TTL
Instantaneous Slew Rate
30
V/µs
C
L = 50pF, RL=3-7kΩ;
T
A=+25ºC;from+/-3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com