Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP213ECT-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP213ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP213ECT-L Datasheet(HTML) 3 Page - Exar Corporation

  SP213ECT-L Datasheet HTML 1Page - Exar Corporation SP213ECT-L Datasheet HTML 2Page - Exar Corporation SP213ECT-L Datasheet HTML 3Page - Exar Corporation SP213ECT-L Datasheet HTML 4Page - Exar Corporation SP213ECT-L Datasheet HTML 5Page - Exar Corporation SP213ECT-L Datasheet HTML 6Page - Exar Corporation SP213ECT-L Datasheet HTML 7Page - Exar Corporation SP213ECT-L Datasheet HTML 8Page - Exar Corporation SP213ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
TransmitterOutput@120kbps
R
L=3KΩ,CL=2,500pF
TransmitterOutput@120kbps
R
L=3KΩ,CL=,000pF
SPECIFICATIONS
V
CC at nominal ratings; 0.µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER
MIN.
TYP.
MAx.
uNIT
CONDITIONS
DYNAMIC CHARACTERISTICS continued
Transition Time
.5
µs
C
L = 2500pF, RL=3kΩ,
Measured from -3V to +3V or
+3V to -3V
OutputEnableTime
400
ns
OutputDisableTime
250
ns
POwER REquIREMENTS
Vcc SP207
4.75
5.00
5.25
Volts
Vcc all other parts
4.50
5.00
5.50
Volts
Icc
3
6
mA
NoLoad:Vcc=+/-10%,T
A =
+25ºC
Icc
5
mA
All Transmitters R
L=3kΩ
Shutdown Current

0
µA
T
A = +25ºC
ENVIRONMENTAL AND MECHANICAL
OperatingTemperature
Commercial, _C
0
+70
ºC
Extended, _E
-40
+85
ºC
Storage Temperature
-65
+25
ºC
Package
_A
_T
Shrink(SSOP)smalloutline
Wide(SOIC)smalloutline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com