Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-3-3 Datasheet(PDF) 15 Page - Exar Corporation

Part # LP2951CS-3-3
Description  100mA, LOW DROPOUT VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LP2951CS-3-3 Datasheet(HTML) 15 Page - Exar Corporation

Back Button LP2951CS-3-3 Datasheet HTML 8Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 9Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 10Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 11Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 12Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 13Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 14Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 15Page - Exar Corporation LP2951CS-3-3 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
5
 
100K
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
1.23V
1.24 to 2 9V
R 1
.01
µF
3.3
µF
R 2
V
REF
3
8
5
1
4
7
SHUTDOWN
INPUT
+
LP2951
470k
Ω
ERROR
______
SD
V OUT
GND
+V IN
+V IN
R 1
1
µF
R 2
3
8
5
1
4
+
FB
7
V OUT
470k
Ω
LP2951
RESET
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
*V OUT = V IN
3
8
5
1
4
7
SHUTDOWN
INPUT
LP2951
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV to 400mV.
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 150mA
   
       
       
ORDERING INFORMATION
Part Number
Accuracy Output
Voltage Package Shipping Status
LP2950ACN-L--
0.50%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L--/TR
0.50%
.V
Lead Free
 Pin TO-92
Tape & Reel
Active
LP2950ACN-L-5-0
0.50%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L-5-0/TR
0.50%
5.0V
Lead Free
 Pin TO-92
Tape & Reel
Active
LP2950CN-L--
%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L--/TR
%
.V
Lead Free
 Pin TO-92
Tape & Reel
Active
LP2950CN-L-5-0
%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L-5-0/TR
%
5.0V
Lead Free
 Pin TO-92
Tape & Reel
Active
LP295ACS-L--
0.50%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L--/TR
0.50%
.V
Lead Free
8 Pin SOIC
Tape & Reel
Active
LP295ACS-L-5-0
0.50%
5.0V/ADJ
Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L-5-0/TR
0.50%
5.0V/ADJ
Lead Free
8 Pin SOIC
Tape & Reel
Active
LP295CS-L--
%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L--/TR
%
.V
Lead Free
8 Pin SOIC
Tape & Reel
Active
LP295CS-L-5-0
%
5.0V/ADJ
Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L-5-0/TR
%
5.0V/ADJ
Lead Free
8 Pin SOIC
Tape & Reel
Active
© 2008 Exar Corporation
Rev G
LP2950-5 Low Dropout Linear Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com