Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232EEN-L Datasheet(PDF) 16 Page - Exar Corporation

Part # SP232EEN-L
Description  High Performance RS-232 Line Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232EEN-L Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP232EEN-L Datasheet HTML 9Page - Exar Corporation SP232EEN-L Datasheet HTML 10Page - Exar Corporation SP232EEN-L Datasheet HTML 11Page - Exar Corporation SP232EEN-L Datasheet HTML 12Page - Exar Corporation SP232EEN-L Datasheet HTML 13Page - Exar Corporation SP232EEN-L Datasheet HTML 14Page - Exar Corporation SP232EEN-L Datasheet HTML 15Page - Exar Corporation SP232EEN-L Datasheet HTML 16Page - Exar Corporation SP232EEN-L Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
6
ORDERING INFORMATION
Part number
Temperature range
Package Type
SP202ECN-L
00C to +700C
6 pin NSOIC
SP202ECN-L/TR
00C to +700C
6 pin NSOIC
SP202ECP-L
00C to +700C
6 pin PDIP
SP202ECT-L
00C to +700C
6 pin SOICW
SP202ECT-L/TR
00C to +700C
6 pin SOICW
SP202EEN-L
-400C to +850C
6 pin NSOIC
SP202EEN-L/TR
-400C to +850C
6 pin NSOIC
SP202EEP-L
-400C to +850C
6 pin PDIP
SP202EET-L
-400C to +850C
6 pin SOICW
SP202EET-L/TR
-400C to +850C
6 pin SOICW
SP232ECN-L
00C to +700C
6 pin NSOIC
SP232ECN-L/TR
00C to +700C
6 pin NSOIC
SP232ECP-L
00C to +700C
6 pin PDIP
SP232ECT-L
00C to +700C
6 pin SOICW
SP232ECT-L/TR
00C to +700C
6 pin SOICW
SP232EEN-L
-400C to +850C
6 pin NSOIC
SP232EEN-L/TR
-400C to +850C
6 pin NSOIC
SP232EEP-L
-400C to +850C
6 pin PDIP
SP232EET-L
-400C to +850C
6 pin SOICW
SP232EET-L/TR
-400C to +850C
6 pin SOICW
SP233ECT-L
00C to +700C
20 pin SOICW
SP233ECT-L/TR
00C to +700C
20 pin SOICW
SP233EET-L
-400C to +850C
20 pin SOICW
SP233EET-L/TR
-400C to +850C
20 pin SOICW
SP30ECP-L
00C to +700C
8 pin PDIP
SP30ECT-L
00C to +700C
8 pin SOICW
SP30ECT-L/TR
00C to +700C
8 pin SOICW
SP30EEP-L
-400C to +850C
8 pin PDIP
SP30EET-L
-400C to +850C
8 pin SOICW
SP30EET-L/TR
-400C to +850C
8 pin SOICW
SP32ECT-L
00C to +700C
8 pin SOICW
SP32ECT-L/TR
00C to +700C
8 pin SOICW
SP32EET-L
-400C to +850C
8 pin SOICW
SP32EET-L/TR
-400C to +850C
8 pin SOICW
All packages are available as lead free (RoHS compliant).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com