Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP233ACP Datasheet(PDF) 5 Page - Exar Corporation

Part # SP233ACP
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP233ACP Datasheet(HTML) 5 Page - Exar Corporation

  SP233ACP Datasheet HTML 1Page - Exar Corporation SP233ACP Datasheet HTML 2Page - Exar Corporation SP233ACP Datasheet HTML 3Page - Exar Corporation SP233ACP Datasheet HTML 4Page - Exar Corporation SP233ACP Datasheet HTML 5Page - Exar Corporation SP233ACP Datasheet HTML 6Page - Exar Corporation SP233ACP Datasheet HTML 7Page - Exar Corporation SP233ACP Datasheet HTML 8Page - Exar Corporation SP233ACP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP233A,30A,32A 00_05308
DESCRiPTion
Phase 4
Vdd transfer: The fourth phase connects the
negative terminal of C2 to ground and the posi-
tive terminal of C2 to the Vdd storage capacitor.
This transfers the doubled (V+) voltage onto C3.
Meanwhile, capacitor C is charged from Vcc to
prepare it for its next phase.
The clock rate for the charge pump typically op-
erates at greater than 5kHz allowing the pump
to run efficiently with small 0.1uF capacitors. Ef-
ficient operation depends on rapid charging and
discharging of C and C2, therefore capacitors
should be mounted as close as possible to the
IC and have low ESR (equivalent series resis-
tance). Inexpensive surface mount, ceramic ca-
pacitors are ideal for using on charge pump. If
polarized capacitors are used the positive and
negative terminals should be connected as
shown in the typical operating circuit. A diagram
of the individual phases are shown in Figure .
Shutdown (SD) and Enable (En) features for
the SP310A and SP312A
Both the SP30A and SP32A have a shutdown
/ standby mode to conserve power in battery-
powered applications. To activate the shutdown
mode, which stops the operation of the charge
pump, a logic "0" is applied to the appropriate
control line. For the SP30A, this control line is
the ON/OFF (pin 8) input. Activating the shut-
down mode puts the SP30A transmitter and re-
ceiver ouptuts into a high impedance condition.
For the SP32A, this control line is the SHUT-
DOWN (pin8) input; this also puts the transmit-
ter outputs in a tri-state mode. The receiver out-
puts can be tri-stated seperately during normal
operation or shutdown by applying a logic "" on
the EN line (pin ).
Wake-Up Feature for the SP312A
The SP32A has a wake-up feature that keeps
the receivers active when the device is placed
into shutdown. Table 1 defines the truth table for
the Wake-Up function. When only the receivers
are activated, the SP32A typically draws less
than 5uA supply current. In the case of when
a modem is interfaced to a computer in power
down mode, the Ring Indicator (RI) signal from
the modem would be used to "wake-up" the
computer, allowing it to accept data transmis-
sion.
After the ring indicator has propagated
through the SP32A receiver, it can be used
to trigger the power management circuitry of
the computer to power up the microproces-
sor, and bring the SD pin of the SP32A to a
logic high, taking it out of the shutdown mode.
The receiver propagation delay is typically
us. The enable time for V+ and V- is typi-
cally 2ms. After V+ and V- have settled to their
final values, a signal can be sent back to the
modem on the data terminal ready (DTR) pin
signifying that the computer is ready to accept
the transmit data.
SD
EN
Power
Up/Down
Receiver
outputs
0
0
Down
Enabled
0

Down
Tri-state

0
Up
Enabled


Up
Tri-state
Table . Wake-up Function truth table
Pin Strapping for the SP233ACT/ACP
The SP233A packaged in a 20 pin SOICW
package (SP233ACT) has a slightly different
pinout than the SP233A in PDIP packaging
(SP233ACP). To operate properly, the fol-
lowing pairs of pins must be externally wired
together as noted in table 2:
Pins Wired
Together
SOICW
PDIP
Two V- pins
0 & 7
2 & 7
Two C2+ pins
2 & 5
 & 5
Two C- pins
 & 6
0 & 6
No Connections for
Pins 8, 3 and 4
Connect Pins 6 and 9
to GND
Table 2. Pin Strapping table for SP233A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com