Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485R Datasheet(PDF) 1 Page - Exar Corporation

Part # SP485R
Description  1/10th Unit Load RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485R Datasheet(HTML) 1 Page - Exar Corporation

  SP485R Datasheet HTML 1Page - Exar Corporation SP485R Datasheet HTML 2Page - Exar Corporation SP485R Datasheet HTML 3Page - Exar Corporation SP485R Datasheet HTML 4Page - Exar Corporation SP485R Datasheet HTML 5Page - Exar Corporation SP485R Datasheet HTML 6Page - Exar Corporation SP485R Datasheet HTML 7Page - Exar Corporation SP485R Datasheet HTML 8Page - Exar Corporation SP485R Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP485R_00_072309
DESCRIPTION
FEATURES
• Allows Over 400 Transceivers On A
Transmission Line (/0th Unit Load)
• High Impedance on Receiver Inputs
(R
IN = 150kΩ typical)
• Half-Duplex Configuration Consistent
With Industry Standard Pinout
• -7V to +2V Common Mode Input
Voltage Range
• Low Power Consumption (250mW)
• Separate Driver and Receiver Enable
SP485R
1/10th Unit Load RS-485 Transceiver
The
SP485R is a pin-to-pin equivalent to our existing SP485 product and offers a high
receiver input impedance. The higher receiver input impedance allows for connecting over
400 transceivers on a single transmission line without degrading the RS-485 driver signal.
The device is packaged in a 8-pin plastic DIP or 8-pin narrow SOIC.
Figure 1. Typical Application Circuit


Similar Part No. - SP485R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP485R SIPEX-SP485R Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP485RCN SIPEX-SP485RCN Datasheet
83Kb / 9P
High-Fanout RS-485 Transceiver
SP485RCN SIPEX-SP485RCN Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP485RCN/TR SIPEX-SP485RCN/TR Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP485RCP SIPEX-SP485RCP Datasheet
83Kb / 9P
High-Fanout RS-485 Transceiver
More results

Similar Description - SP485R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
National Semiconductor ...
DS1487 NSC-DS1487 Datasheet
137Kb / 8P
Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
logo
Maxim Integrated Produc...
MAX3430 MAXIM-MAX3430 Datasheet
238Kb / 13P
짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
Rev 1; 4/03
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3170E EXAR-XR3170E Datasheet
640Kb / 24P
3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Texas Instruments
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com