Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP503 Datasheet HTML 9Page - Exar Corporation SP503 Datasheet HTML 10Page - Exar Corporation SP503 Datasheet HTML 11Page - Exar Corporation SP503 Datasheet HTML 12Page - Exar Corporation SP503 Datasheet HTML 13Page - Exar Corporation SP503 Datasheet HTML 14Page - Exar Corporation SP503 Datasheet HTML 15Page - Exar Corporation SP503 Datasheet HTML 16Page - Exar Corporation SP503 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
of Figure 6 must be applied. The threshold of
the V.35 receiver is ±200mV. The V.35 receiv-
ers can operate up to 5Mbps. All of the differen-
tial receivers can receive data up to 5Mbps.
Decoder
The SP503 has the ability to change the inter-
face mode of the drivers or receivers via an 8–
bit switch. The decoder for the drivers and
receivers is not latched; it is merely a combina-
tional logic switch. The codes shown in Tables
1 and 2 are the only specified, valid modes for
the SP503. Undefined codes may represent other
interface modes not specified or random out-
puts (consult the factory for more information).
The drivers are controlled with the data bits
labeled TDEC
3–TDEC0. The drivers can be put
into tri-state mode by writing 0000 to the driver
decode switch. The receivers are controlled
with data bits RDEC
3–RDEC0; the code 0000
written to the receivers will place the outputs in
an undetermined state. All receivers, with the
exception of SCT, do not have tri-state capabil-
ity; the outputs will either be HIGH or
LOWdepending upon the state of the receiver
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com