Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP490EN Datasheet(PDF) 5 Page - Exar Corporation

Part # SP490EN
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490EN Datasheet(HTML) 5 Page - Exar Corporation

  SP490EN Datasheet HTML 1Page - Exar Corporation SP490EN Datasheet HTML 2Page - Exar Corporation SP490EN Datasheet HTML 3Page - Exar Corporation SP490EN Datasheet HTML 4Page - Exar Corporation SP490EN Datasheet HTML 5Page - Exar Corporation SP490EN Datasheet HTML 6Page - Exar Corporation SP490EN Datasheet HTML 7Page - Exar Corporation SP490EN Datasheet HTML 8Page - Exar Corporation SP490EN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
ABSOLUTEMAXIMUMRATINGS
Thesearestressratingsonlyandfunctionaloperationofthedevice
attheseratingsoranyotherabovethoseindicatedintheoperation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
CC...................................................................................................+7V
InputVoltages
Logic.................................................-0.5Vto(V
CC+0.5V)
Drivers..............................................-0.5Vto(V
CC+0.5V)
Receivers................................................................±14V
OutputVoltages
Logic................................................-0.5Vto(V
CC+0.5V)
Drivers....................................................................±14V
Receivers.........................................-0.5Vto(V
CC+0.5V)
Storage Temperature.....................................................-65˚C to +150
Power Dissipation.................................................................1000mW
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX. UNITS CONDITIONS
SP491DRIVER
DCCharacteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R = ∞ ; see figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50Ω; (RS422);
see figure 1
Differential Output Voltage
.5
V
CC
Volts
With Load; R = 27Ω; (RS485); see
figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27Ω or R = 50Ω; see figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27Ω or R = 50Ω; see figure 1
Input High Voltage
2.0
Volts
Applies to D, REB, DE
Input Low Voltage
0.8
Volts
Applies to D, REB, DE
Input Current
±0
µA
Applies to D, REB, DE
Driver Short-Circuit Current
V
OUT = HIGH
35
250
mA
-7V ≤ V
O ≤ 12V
V
OUT = LOW
35
250
mA
-7V ≤ V
O ≤ 12V
SP491DRIVER
ACCharacteristics
Maximum Data Rate
5
Mbps
REB = 5V, DE = 5V
Driver Input to Output
20
30
60
ns
t
PLH; RDIFF = 54Ω, CL = CL2 = 00pF;
see figures 3 and 6
Driver Input to Output
20
30
60
ns
t
PHL; RDIFF = 54Ω, CL = CL2 = 00pF;
see figures 3 and 6
Driver Skew
5
0
ns
see figures 3 and 6,
t
SKEW = | tDPLH - tDPHL |
Driver Rise or Fall Time
3
5
40
ns
From 0% to 90%; R
DIFF = 54Ω,
C
L = CL2 = 00pF; see figures 3 and 6
Driver Enable to Output High
40
70
ns
C
L = CL2 = 00pF; see figures
4 and 7; S
2 closed
Driver Enable to Output Low
40
70
ns
C
L = CL2 = 00pF; see figures
4 and 7; S
 closed
Driver Disable Time from Low
40
70
ns
C
L = CL2 = 00pF; see figures
4 and 7; S
 closed
Driver Disable Time from High
40
70
ns
C
L = CL2 = 00pF; see figures
4 and 7; S
2 closed
ELECTRICALCHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com