Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP504 Datasheet HTML 9Page - Exar Corporation SP504 Datasheet HTML 10Page - Exar Corporation SP504 Datasheet HTML 11Page - Exar Corporation SP504 Datasheet HTML 12Page - Exar Corporation SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation SP504 Datasheet HTML 15Page - Exar Corporation SP504 Datasheet HTML 16Page - Exar Corporation SP504 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Pin 40 — IC(b)— Incoming Call; analog
input,non-inverted; source for RI.
Pin45—RL(b)—RemoteLoopback;analog
output, non-inverted; sourced from RL.
Pin47—RL(a) —RemoteLoopback;analog
output inverted; sourced from RL.
Pin 49— LL(b) — Local Loopback; analog
output, non-inverted; sourced from LL.
Pin 51 — LL(a) — Local Loopback; analog
output, inverted; sourced from LL.
Pin 52 — RS(b) — Ready To Send; analog
output, non-inverted; sourced from RTS.
Pin 54 — RS(a) — Ready To Send; analog
output, inverted; sourced from RTS.
Pin 56 — TR(b) — Terminal Ready; analog
output, non-inverted; sourced from DTR.
Pin 58 — TR(a) — Terminal Ready; analog
output, inverted; sourced from DTR.
Pin 66 — CS(a)— Clear To Send; analog
input, inverted; source for CTS.
Pin 67 — CS(b)— Clear To Send; analog
input, non-inverted; source for CTS.
Pin 68 — DM(a)— Data Mode; analog input,
inverted; source for DSR.
Pin 69 — DM(b)— Data Mode; analog input,
non-inverted; source for DSR
Pin78—DSR—DataSetReady;TTLoutput;
sourced from DM(a), DM(b) inputs.
Pin 80 — CTS— Clear To Send; TTLoutput;
sourced from CS(a) and CS(b) inputs.
CONTROL REGISTERS
Pins 2–5 — RDEC
0 – RDEC3 — Receiver
decode register; configures receiver modes;
TTL inputs.
Pin 6 — TTEN — Enables TT driver, active
low; TTL input.
Pin 7 — SCTEN — Enables SCT receiver;
active high; TTL input.
Pins 2–9 — TDEC
0 – TDEC3 — Transmit-
ter decode register; configures transmitter
modes; TTL inputs.
Pin 23 — STEN — Enables ST driver; active
low; TTL input.
POWER SUPPLIES
Pins 25, 33, 4, 48, 55, 62, 73, 74 — V
CC
— +5V input.
Pins 29, 34, 43, 46, 50, 53, 57, 60, 64, 72,
75 — GND — Ground.
Pin 27 — V
DD +0V Charge Pump Capacitor
— Connects from V
DD to VCC. Suggested
capacitor size is 22µF, 6V.
Pin 32 — V
SS –0V Charge Pump Capacitor
— Connects from ground to V
SS. Suggested
capacitor size is 22µF, 6V.
Pins 26 and 30 — C

+
and C

–
— Charge
PumpCapacitor —ConnectsfromC

+
toC

–
.
Suggested capacitor size is 22µF, 6V.
Pins 28 and 3 — C
2
+
and C
2
–
— Charge
PumpCapacitor —ConnectsfromC
2
+
toC
2
–
.
Suggested capacitor size is 22µF, 6V.
NOTE: NC pins should be left floating; in-
ternal signals may be present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com