Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505 Datasheet(PDF) 21 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 21 Page - Exar Corporation

Back Button SP505 Datasheet HTML 17Page - Exar Corporation SP505 Datasheet HTML 18Page - Exar Corporation SP505 Datasheet HTML 19Page - Exar Corporation SP505 Datasheet HTML 20Page - Exar Corporation SP505 Datasheet HTML 21Page - Exar Corporation SP505 Datasheet HTML 22Page - Exar Corporation SP505 Datasheet HTML 23Page - Exar Corporation SP505 Datasheet HTML 24Page - Exar Corporation SP505 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
2
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
mode selection is done via a 4–bit control
word, which is the same as the driver's 4-bit
control word.
Like the drivers, the receivers are prear-
ranged for the specific requirements of
the synchronous serial interface. As the
operating mode of the receivers is changed,
the electrical characteristics will change to
support the requirements of clock, data,
and control line receivers. Table 2 shows
the mode of each receiver in the different
interface modes that can be selected.
There are three basic types of receiver cir-
cuits — V.28, V.0, and V..
V.28 Receivers
The V.28 receiver is single–ended and ac-
cepts V.28 signals from the V.28 driver. The
V.28receiverhasanoperatingvoltagerange
of+5Vandcanreceivesignalsdownto +3V.
The input sensitivity complies with RS-232
and V.28 specifications at +3V. The input
impedance is 3kΩ to 7kΩ in accordance to
RS-232 and V.28 over a +5V input range.
The receiver output produces a TTL/CMOS
signal with a +2.4V minimum for a logic ""
and a +0.8V maximum for a logic "0". V.28
receivers are used in RS-232 mode for all
data,clockandcontrolsignals. Theyarealso
used in V.35 mode for control line signals:
CTS, DSR, LL, and RL. The V.28 receivers
can operate to at least 20kbps.
V.10 Receivers
The V.0 receivers are also single–ended
as with the V.28 receivers but have an in-
put threshold as low as +200mV. The input
impedance is guaranteed to be greater than
4KΩ, with an operating voltage range of +7V.
The V.0 receivers can operate to at least
20kbps. V.0 receivers are used in RS-
449, EIA-530, EIA-530A and V.36 modes
as Category II signals as indicated by their
corresponding specifications.
V.11 Receivers
The third type of receiver is a differential
which supports V. and RS-485 signals.
This receiver has a typical input impedance
of 0kΩ and a typical differential threshold
of +200mV, which complies with the V.
specification.Sincethecharacteristicsofthe
V. receivers are actually subsets of RS-
485, the V. receivers can accept RS-485
signals. However, these receivers cannot
support32-transceiversonthesignalbusdue
to the lower input impedance as specified in
the RS-485 specification. Three receivers
(RxD, RxC, and SCT) include a typical 20Ω
cable termination resistor across theAand B
inputs. The resistor for the three receivers is
switched on when the SP505 is configured
in a mode which uses V. receivers. The
V.cableterminationresistorisswitchedoff
when the receiver is disabled or in another
operating mode not using V. receivers.
TheV.receiversareusedinX.2,RS-449,
EIA-530, EIA-530A and V.36 as Category I
signals for receiving clock, data, and some
control line signals not covered by Category
II V.0 circuits. The differential receivers can
receive signals over 0Mbps.
V.35 Receiver
The V. receivers are also used for the
V.35 mode. Unlike the older implementa-
tions of differential receivers used for V.35,
the SP505 contains an internal resistor
termination network that ensures a V.35
input impedance of 00Ω (+0Ω) and a
short-circuitimpedanceof50Ω(+5Ω). The
traditional V.35 implementations required
external termination resistors to achieve
the proper V.35 impedances. The internal
network is connected via low on-resistance
FET switches when the decoder is changed
to V.35 mode. These FET switches can ac-
cept input signals of up to +5V without any
forward biasing and other parasitic affects.
The V.35 termination resistor network is
switched off when the receiver is disabled
either by the decoder or receiver enable
pin. The termination network is transparent
when all other modes are selected. The V.35
receivers can operate over 0Mbps.
V.11 TERMINA TION
MODE [0100]
V.35 MODE
R IN [a]
R IN [b]
To Non-Inverting
Input of R eceiver
To Inverting Input
of R eceiver
rON = 20Ω
rON = 1Ω
51Ω
51Ω
124Ω
rON = 1Ω
Figure 51. Simplified R
IN Termination Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com