Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3495E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3495E
Description  HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3495E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3495E Datasheet HTML 3Page - Exar Corporation SP3495E Datasheet HTML 4Page - Exar Corporation SP3495E Datasheet HTML 5Page - Exar Corporation SP3495E Datasheet HTML 6Page - Exar Corporation SP3495E Datasheet HTML 7Page - Exar Corporation SP3495E Datasheet HTML 8Page - Exar Corporation SP3495E Datasheet HTML 9Page - Exar Corporation SP3495E Datasheet HTML 10Page - Exar Corporation SP3495E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SP3495E-3497E
7
REV. 1.0.0
HIGH SPEED +3.3V RS-485/RS-422 TRANSCEIVERS WITH +/-15KV ESD PROTECTION AND ADVANCED FAILSAFE
NOTE:
1.
Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage
are the changes in output voltage when DI input changes state.
2.
The transceivers are put into shutdown by bringing RE High and DE Low simultaneously for at least 600ns. If the
control inputs are in this state for less than 50ns, the device is guaranteed not enter shutdown. If the enable inputs
are held in this state for at least 600ns the device is assured to be in shutdown. Note that the receiver and driver
enable times increase during shutdown
3.
Gauranteed by design and bench characterization.
Thermal Shutdown Hysteresis
20
°C
ESD Protection at Pins A, B, Y and Z
+/-15
kV
Human Body Model
UNLESS OTHERWISE NOTED: VCC = +3.0V TO +3.6V WITH TA FROM -40
OC TO +85OC. TYPICAL VALUES ARE AT
VCC = +3.3V AND 25
OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com