Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP6137
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP6137 Datasheet HTML 7Page - Exar Corporation SP6137 Datasheet HTML 8Page - Exar Corporation SP6137 Datasheet HTML 9Page - Exar Corporation SP6137 Datasheet HTML 10Page - Exar Corporation SP6137 Datasheet HTML 11Page - Exar Corporation SP6137 Datasheet HTML 12Page - Exar Corporation SP6137 Datasheet HTML 13Page - Exar Corporation SP6137 Datasheet HTML 14Page - Exar Corporation SP6137 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
13/15
Rev. 2.0.0
TYPICAL APPLICATION DIAGRAM
8 7 6 5
1 2 3
4
CSS
47nF
CBST
0.1
μF
L1 SC5018-2R7M
2.7
μH @ 12A
DCR=4.30m
Ω
FDS6676S
14.5A, 6.0m
Ω
C3
47
μF
6.3V
R1
68.1k, 1%
VOUT≤VIN
3.3V @ 10A
R2
21.5k, 1%
CVCC
10
μF
6.3V
R3
221k, 1%
R4
100k, 1%
CF1
100pF
CZ2
820pF
CP1
56pF
RZ2
40.2k, 1%
FDS6676S
14.5A, 6m
Ω
8 7 6 5
4
1 2 3
DBST
MBR0530
SP6137
1
2
3
4
5
10
9
8
7
6
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
UVIN
VCC
GND 3
RLF
3.0,5%
U1
CVCC
Ceramic
8050
X5R
QT
SS
GND2
C3, C4
Ceramic
1210
X5R
C4
47
μF
6.3V
RZ3
4.64k, 1%
CZ3
220pF
C1
22
μF
16V
C2
22
μF
16V
GND
VIN
2.5V -20V
C1, C2
Ceramic
1210
X5R
R5
Bead
QB
= 5V @ 30mA
0.8V
Note: Components highlighted in bold are those used on the SP6137 Evaluation Board.
Table 1. Input and Output Stage Components Selection Charts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com