Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137EU-L/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6137EU-L/TR
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137EU-L/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP6137EU-L/TR Datasheet HTML 1Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 2Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 3Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 4Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 5Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 6Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 7Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 8Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
3/15
Rev. 2.0.0
Parameter
Min.
Typ.
Max.
Units
Conditions
SS Discharge Current:
1
mA
•
Fault Present, SS = 0.2V
Short Circuit Threshold Voltage
0.20
0.25
0.30
V
•
Measured VREF (0.8V) - VFB
Hiccup Timeout
73
ms
VFB = 0.5V
Number of Allowable Clock
Cycles at 100% Duty Cycle
20
Cycles
VFB = 0.7V
Minimum GL Pulse After 20
Cycles
0.5
Cycle
VFB = 0.7V
Thermal Shutdown Temperature
145
°C
Thermal Hysteresis
10
°C
GH & GL Rise Times
35
50
ns
•
Measured 10% to 90%
GH & GL Fall Times
30
40
ns
•
Measured 90% to 10%
GL to GH Non Overlap Time
45
70
ns
•
GH & GL Measured at 2.0V
SWN to GL Non Overlap Time
25
40
ns
•
Measured SWN = 100mV to GL = 2.0V
GH & GL Pull Down Resistance
50
Ω
Driver Pull Down Resistance
1.5
Ω
Driver Pull Up Resistance
2.5
Ω
BLOCK DIAGRAM
Fig. 2:SP6137 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com