Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085EEN-L/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3085EEN-L/TR
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085EEN-L/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP3085EEN-L/TR Datasheet HTML 1Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3085EEN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
PIN ASSIGNMENTS
Pin Number
Pin Name
Pin Function
Full-Duplex
Half -
Duplex
SP3080E SP3081E SP3082E
SP3083E SP3084E SP3085E
SP3086E SP3087E SP3088E
2
2
1
RO
Receiver Output. When RE is low
and if (A – B) ≥ -40mV, RO is high.
If (A – B) ≤ - 200mV, RO is low.
3
-
2
RE
REREE
Receiver Output Enable. When RE
is low, RO is enabled. When RE
is high, RO is high impedance.
Drive RE high and DE low to enter
shutdown mode. RE is a hot-swap
input.
4
-
3
DE
Driver Output Enable. When DE
is high, outputs are enabled.
When DE is low, outputs are high
impedance. Drive DE low and RE
high to enter shutdown mode. DE
is a hot-swap input.
5
3
4
DI
Driver Input. With DE high, a low
level on DI forces non-inverting
output low and inverting output
high. A high level on DI forces non-
inverting output high and inverting
output low.
6, 7
4
5
GND
Ground
9
5
-
Y
Non-inverting Driver Output
10
6
-
Z
Inverting Driver Output
11
7
-
B
Inverting Receiver Input
-
-
7
B
Inverting Receiver Input and
Inverting Driver Output
12
8
-
A
Non-inverting Receiver Input
-
-
6
A
Non-inverting Receiver Input and
Non-inverting Driver Output
14
1
8
VCC
Positive Supply VCC. Bypass to
GND with a 0.1uF capacitor.
1, 8, 13
-
-
NC
No Connect, not internally
connected
Note: On 14-pin packages connect both pins 6 and 7 to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com