Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW65-0313 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW65-0313
Description  GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW65-0313 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW65-0313 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW65-0313 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW65-0313 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW65-0313 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW65-0313 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP2T Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V10
SW65-0313
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Typical Isolation: 30 dB (2,000 MHz)
• Typical Insertion Loss: .75 dB (2,000 MHz)
• ASIC TTL/CMOS Driver
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• Tape and Reel Packaging Available
• Test Boards Available
• SOIC-16 Package
Description
M/A-COM's SW65-0313 is a GaAs MMIC absorptive
SP2T switch with an integral silicon ASIC driver.
This device is in a 16-lead plastic package. This
switch offers excellent broadband performance and
repeatability from DC to 3 GHz, while maintaining
low DC power dissipation. The SW65-0313 is ideally
suited for wireless infrastructure applications. Also
available in a ceramic package with improved
performance.
Ordering Information
Part Number
Package
SW65-0313
Bulk Packaging
SW65-0313TR
1000 piece reel
SW65-0313TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
VEE
9
RFC
2
GND
10
GND
3
GND
11
RF1
4
NC
12
GND
5
GND
13
NC
6
RF2
14
GND
7
GND
15
VCC
8
GND
16
C1
1.
NC = No Connection
VEE
GND
GND
NC
GND
RF2
C1
VCC
GND
NC
GND
RF1
GND
RFC
GND
GND


Similar Part No. - SW65-0313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0313 MA-COM-SW65-0313 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0313-TB MACOM-SW65-0313-TB Datasheet
251Kb / 3P
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313TR MACOM-SW65-0313TR Datasheet
251Kb / 3P
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
More results

Similar Description - SW65-0313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100_15 Datasheet
753Kb / 6P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com