Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA40205 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA40205
Description  Schottky Detector Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA40205 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA40205 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA40205 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Schottky Detector Diodes
Rev. V3
Schottky Detector Diodes
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Maximum Ratings
Packaged N Type Silicon Schottky
Detector Diodes
These low barrier packaged detector diodes are
suitable for use in stripline, waveguide, and coaxial
detectors. They feature high sensitivity and low l/f
noise. These diodes are listed by increasing test
frequency, grouped by packages style and de-
creasing Tss. Other case styles than those speci-
fied may be available.
Specifications @ TA = +25°C
Model Number
1
Case Style
Test Frequency (GHz)
Maximum
2,3 Tang.
Signal Sensitivity TSS
(dBm)
Video Impedance
3,4
Range
Min./Max.
(k Ohms)
MA40053
54
3
-55
1/2
MA40064
119
3
-55
1/2
MA40202
54
10
-55
1/2
MA40201
119
10
-55
1/2
MA40207
120
10
-55
1/2
MA40205
119
16
-52
1/2
MA40215
120
16
-52
1/2
MA40268
120
36
-49
1/2
Notes:
1. Schottky barrier junction diodes are thermocompression bonded in case style 119 and 120. Case style 54 uses pressure contacts. The
standard case style is given for each model number. Other case styles may be available.
2. The video amplifier bandwidth is 1 MHz and the nominal amplifier noise figure is 3 dB. DC Impedance is 10 k ohms. The DC bias is 20
µA.
3. RF Power = 30 dBm. The DC forward bias is +20 µA.
4. Measured at the indicated test frequency and at -30 dBm RF power.
Temperature Ratings
Storage Operating Temperature
-65°C to +150°C
(Case Styles 54, 119, 120, 135, 135A, 186, 276)
-65°C to +125°C (Case Styles 137, 213)
Power Ratings @ 25°C
Maximum Peak Incident RF Power
Maximum CW RF Power
Derate Linearity to Zero at 150°C
S-X Band 1 Watt - 1 microsecond maximum pulse length
Ku-K Band 0.5 W - 1 microsecond maximum pulse length
S-X Band 150 mW (maximum)
Ku-K Band 100 mW (maximum)
Solder Temperature
For case styles 54, 119, 186, 276
For case style 120
For case styles 137 and 213
230°C for 5 seconds, 1 mm from package
200°C for 5 seconds
150°C for 5 seconds, 1 mm from package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com