Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA40147 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA40147
Description  Schottky Detector Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA40147 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA40147 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA40147 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA40147 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA40147 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA40147 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Schottky Detector Diodes
Rev. V3
Schottky Detector Diodes
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Wide Selection of Packages for Stripline, Coax-
ial, and Waveguide Detectors
• Chip Diodes Available
• Both P and N Type Diodes
• Excellent Sensitivity Through Ka-Band
• Low 1/F Noise
Description
This family of low capacitance Schottky diodes is
designed to give superior performance in video
detectors and power monitors from 100 MHz
through 40 GHz. They have low junction capaci-
tance and repeatable video impedance.
These
diodes are available in a wide range of ceramic,
stripline and axial lead packages and as bondable
chips. Both P and N type diodes are offered.
Applications
Detectors and power monitors in stripline, coaxial
and waveguide circuits through 40 GHz.
Case Styles
(See appendix for complete dimensions)


Similar Part No. - MA40147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA40147 MACOM-MA40147 Datasheet
382Kb / 5P
Schottky Detector Diodes
More results

Similar Description - MA40147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA40053 MACOM-MA40053 Datasheet
382Kb / 5P
Schottky Detector Diodes
VXG4 MACOM-VXG4 Datasheet
385Kb / 5P
Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2862-TR1 AVAGO-HSMS-2862-TR1 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
M/A-COM Technology Solu...
SCHOTTKY-DETECTOR-DIODES MA-COM-SCHOTTKY-DETECTOR-DIODES Datasheet
114Kb / 4P
Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E929 MA-COM-MA4E929 Datasheet
41Kb / 1P
Schottky Zero Bias Detector Diodes
logo
Broadcom Corporation.
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286X AVAGO-HSMS-286X Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com