Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA46413 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA46413
Description  GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46413 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA46413 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Hyperabrupt Varactor Diode
Gamma = 1.0, 1.25, & 1.50
Rev. V5
MA46410 thru MA46480 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Constant Gamma = 1.0, 1.25 or 1.5
• High Q (up to 4000 at -4 Volts)
• More Linear Frequency Tuning
• High and Nearly Constant Modulation Sensitivity
• Lead-Free (RoHs Compliant) equivalents avail-
able with 260°C reflow compatibility.
Description and Applications
The MA46450, MA46470 and MA46410 series of
tuning varactors are hyperabrupt junction Gallium
Arsenide diodes featuring constant gamma 1.0
(MA46450 series),1.25 (MA46470 series) or 1.5
(MA46410 series). These diodes offer high Q (up
to 4000) permitting excellent tuning performance
from VHF through Ka band. Each part in this se-
ries exhibits the large change in capacitance ver-
sus bias voltage characteristic of hyperabrupt junc-
tions. The standard capacitance tolerance is
±10%, with tighter tolerances available. Capaci-
tance matching at one or more bias voltages is
also available. All diode types are available in a
wide selection of ceramic packages and in chip
form. The constant gamma value of 1.0, 1.25 or
1.5 available with these diodes enables the circuit
designer to produce significant improvements in
circuit
performance.
Constant
gamma
tuning
varactors permit more linear VCO frequency tun-
ing than do conventional hyperabrupt tuning varac-
tors.These varactors are particularly well suited for
use in voltage tuned filters, analog phase shifters,
and modulator circuits.
Absolute Maximum Ratings
1
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.The maximum storage and
operating temperature of the plastic ODS-1088 case style is
125°C.
Parameter
Absolute Maximum
Reverse Voltage
Breakdown Voltage
Operating Temperature
-65°C to +175°C
Storage Temperature
65°C to +200°C
Common Case styles
ODS-30
ODS-134 Die


Similar Part No. - MA46413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46413 MACOM-MA46413 Datasheet
198Kb / 5P
GaAs Constant Gamma Hyperabrupt Tuning Varactors
MA46413 MACOM-MA46413 Datasheet
267Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
logo
M/A-COM Technology Solu...
MA46413 MA-COM-MA46413 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
More results

Similar Description - MA46413

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA46H120 MACOM-MA46H120 Datasheet
40Kb / 2P
GaAs Constant Gamma Flip- Chip Varactor Diode
MA46410 MACOM-MA46410_1 Datasheet
267Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
logo
M/A-COM Technology Solu...
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46H120 MA-COM-MA46H120_15 Datasheet
545Kb / 4P
GaAs Constant Gamma Flip-Chip Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com