Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0068 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0068
Description  2:1 Flux Coupled Transformer 5-200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0068 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0068 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0068 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0068 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2:1 Flux Coupled Transformer
5-200MHz
MABACT0068
V1P
1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 2:1 Impedance
• Excellent amplitude and phase balance
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0068 is a 2:1 RF Flux Coupled
balun transformer in a low cost, surface mount
package. Ideally suited for high volume CATV/
Broadband applications. Suitable for use in 50 and
75 Ohm systems.
Ordering Information
Part Number
Package
MABACT0068TR
2000 piece reel
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (output 1)
2
Centre Tap (ground)
3
Secondary (output 2)
4
Primary (Ground)
5
Primary Dot (Input)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-164


Similar Part No. - MABACT0068

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0068 MACOM-MABACT0068 Datasheet
81Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0068TR MACOM-MABACT0068TR Datasheet
81Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
More results

Similar Description - MABACT0068

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
4:1 RF Flux Coupled Transformer 5-200MHz
MABACT0048 MACOM-MABACT0048 Datasheet
77Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MACOM-MABACT0062 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0068 MACOM-MABACT0068 Datasheet
81Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MACOM-MABACT0071 Datasheet
78Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MACOM-MABA-008260-CF4A40 Datasheet
67Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABACT0048 MA-COM-MABACT0048 Datasheet
78Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MA-COM-MABACT0062 Datasheet
82Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com