Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA46 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA46
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA46 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Surface Mount GaAs Tuning Varactors
Rev. V6
MA46 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Constant Gamma Abrupt Junction: 0.5
Hyperabrupt Junctions: 0.75, 1.25 and 1.5
• Low Cost
• Surface Mount Packages
• Very High Quality Factor
• Capacitance Ratio to 10:1
• Case Style 1056 is Hermetic and may be
Screened to JANTX levels
• Tape and Reel Packaging Available
Description Applications
M/A-COM offers four families of low cost surface
mount gallium arsenide tuning varactors. All fami-
lies have silicon nitride protected junctions for low
leakage current and high reliability.
The MA46H500 through MA46H504 family has
hyperabrupt junctions with constant gamma of 1.5
from 2 to 12 volts and high quality factor.
The MA46H200 through MA46H204 family has
hyperabrupt junctions with constant gamma of 1.25
from 2 to 20 volts and higher quality factor.
The MA46H070 through MA46H073 family has
hyperabrupt junctions with constant gamma of 0.75
from 0 to20 volts and very high quality factor.
The MA46504
through
MA46506
family has
abrupt junctions with constant gamma of 0.5 from 0
to 30 volts and the highest quality factor.
Applications
The MA46H500 through MA46H504 (gamma 1.5)
family of constant gamma hyperabrupt GaAs tuning
varactors is designed for wide bandwidth VCOs
and voltage tuned filters where limited bias voltage
is available. These varactors have
lower quality
factor than the other families of GaAs varactors.
The MA46H200 through M46H204 (gamma 1.25)
family of constant gamma hyperabrupt GaAs tuning
varactors has the largest capacitance ratio of the
families of GaAs varactors and high quality factor.
These diodes are very well suited for wide band-
width VCOs and VTFs where the optimum combi-
nation of very wide tuning range and high quality
factor is required.
Absolute Maximum Ratings
1 @ T
A=+25 °C
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Case 1056
Case 1088
Operating Temperature
-65°C to +150°C
-65°C to +125°C
Storage Temperature
-65°C to +200°C
-65°C to +125°C
Reverse Voltage
Breakdown Voltage
Forward Current
50mA @ 25°C
Power Dissipation
50mW @ 25°C , derate linearly to
0mW at maximum operating
temperature
Absolute Maximum
Common Case styles
The MA46H070 through MA46H073 (gamma
0.75) family of constant gamma hyperabrupt GaAs
tuning varactors has quality factor approaching that
of abrupt junction varactors, but higher capacitance
change versus tuning voltage.These diodes are
very well suited for narrowerbandwidth VCOs and
VTFs where wide tuning range and very high qual-
ity factor are required.
The MA46504 through MA46506 (gamma 0.5)
family ofconstant gamma abrupt GaAs tuning
varactors has the highest quality factor. These di-
odes are very well suited for narrower bandwidth
VCOs and VTFs where highest quality factor is of
paramount concern.
*Specifications are subject to change without prior notice


Similar Part No. - MA46

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46 MACOM-MA46 Datasheet
121Kb / 4P
Surface Mount GaAs Tuning Varactors
logo
M/A-COM Technology Solu...
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
logo
Extech Instruments Corp...
MA460+ EXTECH-MA460+ Datasheet
186Kb / 1P
Dual display clamp-on multimeters
logo
Taoglas antenna solutio...
MA460.K.LBIC.002 TAOGLAS-MA460.K.LBIC.002 Datasheet
4Mb / 42P
Aerodynamic, Super Low-profile Vandal Resistant Housing
MA460KLBIC002 TAOGLAS-MA460KLBIC002 Datasheet
4Mb / 43P
MA460 Storm 4in1 Low Profile Permanent Mount Combination Antenna
More results

Similar Description - MA46

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
Surface Mount Abrupt Tuning Varactors
MA46 MACOM-MA46 Datasheet
121Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA46 MACOM-MA46_1 Datasheet
205Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA46 MA-COM-MA46_15 Datasheet
762Kb / 4P
Surface Mount GaAs Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com