Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7614EC6-L/TR Datasheet(PDF) 11 Page - Exar Corporation

Part # SP7614EC6-L/TR
Description  Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7614EC6-L/TR Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP7614EC6-L/TR Datasheet HTML 6Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 7Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 8Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 9Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 10Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 11Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 12Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 13Page - Exar Corporation SP7614EC6-L/TR Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Jan 09 -08 RevT
SP7612/7614 Low Dropout Linear LED driver
© 2008 EXAR Corporation
Page 11
SP7612 SP7614
When using white or blue low VF LEDs, and
utilizing the driver's low voltage drop, only 3.4V VIN
is needed for the full 20mA LED current. At 3.1V,
there is still 5mA of typical current available for the
LEDs.
The single cell Li-
Ion battery is utilized in many
applications like cell phones or digital still
cameras. In most cases, the Li-
Ion battery voltage
level only goes down to 3.0V, and not down to the
full discharge level (2.7V) before requesting the
charger.
VDROP < 0.3V. This is the dropout voltage for the
SP7611A.
- VF = 3.1V.
Low VF white LED forward voltage
drop
- VIN (at 20mA) needs to be greater than
(VDROP+VF)
3.1V+.3V= 3.4V
Key Advantages
1) No boost circuit needed for the LCD or
keyboard backlight.
2) Drivers directly connected to a Li-
Ion battery.
3) No EMI, no switching noise, no boost converter
efficiency loss, 1 capacitor, and no inductor.
Example 2:
Drive high VF white or blue LEDs from existing
bus ~ 4.0V to 5.5V
High VF LEDs have a forward voltage drop in the
range of 3.2V to 4.0V. In order to drive these LEDs
with the maximum current of 20mA, enabling
maximum brightness usually requires a boost
circuit for a single cell Li-
Ion power supply. The
SP761X series is capable of driving high VF white
or blue LEDs with its ultra-low dropout feature.
The VIN needs to be only 300mV higher than the
highest VF in the circuit.
- VDROP < 0.3V. Dropout voltage of the SP7611A
- VF (at 20mA) < 3.3V to 4.0V (High VF)
- VIN (at 20mA) = VDROP + VF = 3.6V to 4.3V
- VIN (at 5mA typical) ~ 3.3V
Where VIN = Existing bus = 3.3V to 4.3V
Key Advantages
1) No boost circuit needed for the LCD or
keyboard backlight.
2) Drivers utilize existing bus.
3) Ultra-low voltage drop provides the full 20mA
LED current at the lowest possible voltage level.
LED Brightness Control
The SP7612/4 LED Drivers feature analog and
PWM controls to give designers flexible
brightness control. To determine the value of
RSET , use the "
ISET vs. VCRTL" graph under
the Typical Performance Characteristics.
1. SP7612/4
-
Analog using VCONTROL
Set VCONTROL and RSET for LED current
SETTING THE LED CURRENT – page 8
- PWM - Vcontrol
-Amplitude of PWM signal sets maximum LED
current
-Pulse width controls current between 0 and
maximum LED Set current
-
PWM using Enable
-
Set VCONTROL and RSET for LED current
SETTING THE LED CURRENT – page 6
ENABLE = PWM
-Amplitude has no effect on current
-Pulse width controls current between 0 and
maximum LED set current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com