Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616 Datasheet(HTML) 1 Page - Exar Corporation

  SP7616 Datasheet HTML 1Page - Exar Corporation SP7616 Datasheet HTML 2Page - Exar Corporation SP7616 Datasheet HTML 3Page - Exar Corporation SP7616 Datasheet HTML 4Page - Exar Corporation SP7616 Datasheet HTML 5Page - Exar Corporation SP7616 Datasheet HTML 6Page - Exar Corporation SP7616 Datasheet HTML 7Page - Exar Corporation SP7616 Datasheet HTML 8Page - Exar Corporation SP7616 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
May 2009
Rev. 2.0.4
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP7616 is a 30V 4-Channel linear low side
LED driver. It is capable of powering up to four
LED strings of nine LEDs @ 60mA per string
for a total of 36 LEDs with 1.5% typical
current matching between channels. The
desired LED current can be adjusted with an
external resistor, and the precision string-to-
string current matching ensures consistent
color temperature across the whole display.
The device also features very low dropout
voltage to maximize system efficiency and
avoid difficult thermal design constraints.
Dimming can be achieved by feeding a PWM
signal to the PWM pin, or use an analog signal
to control the ISET current, this allows
brightness control without unwanted color
shifts. Fast LED current turn-on/off time allows
up to 5 kHz PWM dimming frequencies with as
low as 10% duty cycle, completely eliminating
flicker.
The
built-in
thermal
protection
prevents damage to the device under fault
conditions.
APPLICATIONS
• CCFL replacement in TFT displays
• Panel backlighting
• Casino gaming light systems
• Advertising backlighting
FEATURES
• Wide 4.5V to 30V operating range
• 60mA LED current per channel
• 1.5% channel to channel current
matching
• Analog Dimming control
• PWM operation up to 5kHz with 10%
Duty Cycle
• Low dropout: 150mV @ 20mA
• Built-in Over Temperature Protection
• Small 2X3mm DFN package
− Lead Free, RoHS Compliant
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP7616 Application Diagram


Similar Part No. - SP7616

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7616 SIPEX-SP7616 Datasheet
572Kb / 9P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
SP7616 SIPEX-SP7616 Datasheet
67Kb / 4P
Evaluation Board Manual
SP7616EB SIPEX-SP7616EB Datasheet
67Kb / 4P
Evaluation Board Manual
SP7616ER-L SIPEX-SP7616ER-L Datasheet
572Kb / 9P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
SP7616ER-L/TR SIPEX-SP7616ER-L/TR Datasheet
572Kb / 9P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
More results

Similar Description - SP7616

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
AN44 ZETEX-AN44 Datasheet
117Kb / 6P
A high power LED driver for low voltage halogen replacement
logo
Sipex Corporation
SP7616 SIPEX-SP7616 Datasheet
572Kb / 9P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
4 channel low-side driver
Rev. 1.2, May 2014
logo
Maxic Technology Corpor...
MT7950H MAXIC-MT7950H Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7952 MAXIC-MT7952 Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7955 MAXIC-MT7955 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7955L MAXIC-MT7955L Datasheet
185Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7958 MAXIC-MT7958 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
logo
Infineon Technologies A...
TLE92464EDHP INFINEON-TLE92464EDHP Datasheet
4Mb / 97P
High accuracy four channel low-side solenoid driver IC Quality Requirement Category: Automotive
Rev. 1.0 2021-12-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com