Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2940 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX2940
Description  1A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX2940 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX2940 Datasheet HTML 2Page - Exar Corporation SPX2940 Datasheet HTML 3Page - Exar Corporation SPX2940 Datasheet HTML 4Page - Exar Corporation SPX2940 Datasheet HTML 5Page - Exar Corporation SPX2940 Datasheet HTML 6Page - Exar Corporation SPX2940 Datasheet HTML 7Page - Exar Corporation SPX2940 Datasheet HTML 8Page - Exar Corporation SPX2940 Datasheet HTML 9Page - Exar Corporation SPX2940 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
S
SP
PX
X2
29
94
40
0
1
1A
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2009 Exar Corporation
7/10
Rev. 2.0.0
THEORY OF OPERATION
The SPX2940 incorporates protection against
over-current faults, reversed load insertion,
over temperature operation, and positive and
negative transient voltage.
THERMAL CONSIDERATIONS
Although the SPX2940 offers limiting circuitry
for overload conditions, it is still necessary to
insure
that
the
maximum
junction
temperature
is
not
exceeded
in
the
application. Heat will flow through the lowest
resistance path, the junction-to-case path. In
order to insure the best thermal flow of the
component, proper mounting is required.
Since the case of the device is electrically
connected to the output, the case must be
electrically
isolated
using
a
thermally
conductive spacer, which itself contributes
some small additional thermal resistance.
Consult heatsink manufacturer for thermal
resistance and design of heatsink.
TO-220 Design Example:
Assume
that
VIN = 10V, VOUT = 5V,
IOUT = 1.5A, TA = 50°C/W, θHA= 1°C/W,
θCH = 2°C/W, and θJC = 3°C/W.
Where TA = ambient temperature
θHA = heatsink to ambient thermal resistance
θCH = case to heatsink thermal resistance
θJC = junction to case thermal resistance
The power calculated under these conditions
is:
PD = (VIN – VOUT) * IOUT = 7.5W.
And the junction temperature is calculated as
TJ = TA + PD * (θHA + θCH + θJC) or
TJ = 50 + 7.5 * (1 + 2 + 3) = 95°C
Reliable operation is insured.
CAPACITOR REQUIREMENTS
The output capacitor is needed to insure
stability and minimize the output noise. The
value of the capacitor varies with the load.
However, a minimum value of 10µF aluminum
capacitor will guarantee stability over all load
conditions.
A
tantalum
capacitor
is
recommended if a faster load transient
response is needed.
If the power source has a high AC impedance,
a 0.1µF ceramic capacitor between input &
ground is recommended.
MINIMUM LOAD CURRENT
To ensure a proper behavior of the regulator
under light load, a minimum load of 5mA for
SPX2940 is required.
consequat eu, consequat eu, ullamcorper
pretium, magna. Aenean varius turpis sed
metus. Donec erat. Nunc urna pede, accumsan
sed, tristique non, lobortis sit amet, pede.
Fig. 20: Fixed Output Linear Regulator
Fig. 21: Ouput Cap ESR vs IOUT
Fig. 22: 5.0VOUT PSSR VIN=10V, VOUT=5V
COUT=22F, IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com