Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73C1402 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC73C1402
Description  4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73C1402 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC73C1402 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73C1402 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SC73C1402
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2005.12.19
Http: www.silan.com.cn
Page 2 of 20
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Value
Units
Supply Voltage
VDD
-0.3 ~ +5.0
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Output Current
IOUT (P53)
-6
mA
Power Consumption
PD
500
mW
Storage Temperature
Tstg
-40~+125
°C
Operating Temperature
Topr
-10~+70
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VDD=3.0V)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units.
Power Supply Voltage
VDD
All function
2
--
4
V
Operating Current
IDD
In operating
--
--
0.5
mA
MASK1
300K
455k
2M
Hz
Oscillation Frequency
FOSC
MASK2
2M
4M
6M
Hz
Static Current
IDS
Oscillator stops
--
--
1
µA
P51, P52
50
65
80
K
Ω
Input Pull-Down Resistor
R
VDD=3V
P00-P03
P10-P13
80
95
110
K
Ω
High Input Voltage
VIH
--
0.7VDD
--
VDD
V
Low Input Voltage
VIL
--
0
--
0.3VDD
V
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com