Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02C40C Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40C
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40C Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC65D02C40C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 16Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SC65D02C40
TYPICAL APPLICATION CIRCUIT(c)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 13 of 17
1
GND
TEST
CYOUT
P30
P27
P26
P25
P20
P21
P22
P23
P24
P03
P04
XIN
nRST
P01
P02
P06
P05
P00
P07
XOUT
VDD
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
K00
K01
K02
K03
K04
K05
K06
K07
K10
K11
K12
K13
K14
K15
K16
K17
K20
K21
K22
K23
K24
K25
K26
K27
K30
K31
K32
K33
K34
K35
K36
K37
K40
K41
K42
K43
K44
K45
K46
K47
K50
K51
K52
K53
K54
K55
K56
K57
K60
K61
K62
K63
K64
K65
K66
K67
K70
K71
K72
K73
K74
K75
K76
K77
4M
22p
22p
100
VDD
3V
47µ
0.1µ
1
IRD
1K
KRST
LED4
RLED4 = 1K
LED1
LED2
LED3
RLED3 = 1K
RLED2 = 1K
RLED1 = 1K
Note:
The design precondition of above three typical application circuits is: if the circuit structure is not
changed, the SC65D02C40 can directly take the place of SC65D02P40;
Typical application circuit (a) is generally used in the situation with one LED lamp;
Typical application circuit (b) is generally used in the situation with many LED lamps, if no need to light
all the LEDs, you can use the typical application circuit (c) to save the cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com