Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P1601 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC73P1601
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC73P1601 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 2 of 22
Part No.
Package
Marking
Material
Package Type
SC73P1601MAG
SOP-20-300-1.27
SC73P1601MAG
Halogen free
Tube
SC73P1601MAGTR
SOP-20-300-1.27
SC73P1601MAG
Halogen free
Tape & Reel
SC73P1601MCG
SSOP-20-225-0.65
SC73P1601MCG
Halogen free
Tube
SC73P1601MCGTR
SSOP-20-225-0.65
SC73P1601MCG
Halogen free
Tape & Reel
SC73P1601MDG
SOP-20-375-1.27
SC73P1601MDG
Halogen free
Tube
SC73P1601MDGTR
SOP-20-375-1.27
SC73P1601MDG
Halogen free
Tape & Reel
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Otherwise specified, Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
-0.3 ~ +5.0
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Output Current
IOUT (P53)
-9
mA
Power Dissipation
PD
500
mW
Storage Temperature
Tstg
-40~+125
°C
Operating Temperature
Topr
-20~+75
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VDD=3.0V)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Power Supply
VDD
In all the functions
2
--
4
V
Power Reset
VPOC
In all the functions
1.4
1.6
V
Operating Current
IDD
In operating mode
--
--
1.0
mA
Oscillation Frequency
FOSC
In operating mode
2M
4M
6M
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com