Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX3819 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX3819
Description  500mA, LOW-NOISE LDO VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX3819 Datasheet HTML 3Page - Exar Corporation SPX3819 Datasheet HTML 4Page - Exar Corporation SPX3819 Datasheet HTML 5Page - Exar Corporation SPX3819 Datasheet HTML 6Page - Exar Corporation SPX3819 Datasheet HTML 7Page - Exar Corporation SPX3819 Datasheet HTML 8Page - Exar Corporation SPX3819 Datasheet HTML 9Page - Exar Corporation SPX3819 Datasheet HTML 10Page - Exar Corporation SPX3819 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
July 2008 Rev F
SPX3819 500mA, Low Noise LDO Voltage Regulator
© 2008 Exar Corporation
The SPX3819 requires an output capacitor for
device stability. Its value depends upon the
application circuit. In general, linear regulator
stability decreases with higher output currents.
In applications where the SPX3819 is sourcing
less current, a lower output capacitance may be
sufficient. For example, a regulator outputting
only 10mA, requires approximately half the
capacitance as the same regulator sourcing
150mA.
Bench testing is the best method for determining
the proper type and value of the capacitor since
the high frequency characteristics of electro-
lytic capacitors vary widely, depending on type
and manufacturer. A high quality 2.2
µF alumi-
num electrolytic capacitor works in most appli-
cation circuits, but the same stability often can
be obtained with a 1
µF tantalum electrolytic.
With the SPX3819 adjustable version, the mini-
mum value of output capacitance is a function of
the output voltage. The value decreases with
higher output voltages, since closed loop gain is
increased.
Typical Applications Circuits
A 10nF capacitor on the BYP pin will signifi-
cantly reduce output noise, but it may be left
unconnected if the output noise is not a major
concern. The SPX3819 start-up speed is in-
versely proportional to the size of the BYP
capacitor. Applications requiring a slow ramp-
up of the output voltage should use a larger
CBYP. However, if a rapid turn-on is necessary,
the BYP capacitor can be omitted.
The SPX3819’s internal reference is available
through the BYP pin.
Figure 1 represents a SPX3819 standard appli-
cation circuit. The EN (enable) pin is pulled
high (>2.0V) to enable the regulator.
To disable the regulator, EN < 0.4V.
The SPX3819 in Figure 2 illustrates a typical
adjustable output voltage configuration. Two
resistors (R1 and R2) set the output voltage. The
output voltage is calculated using the formula:
VOUT = 1.235V x
[ 1 + R1/R2]
R2 must be > 10 kΩ and for best results, R2
should be between 22 k
Ω and 47kΩ.
APPLICATION INFORMATION
+
+
GND
EN
BYP
(Opt.)
ENABLE may be tied directly to V
IN
SPX3819
1
2
3
4
5
V
IN
V
OUT
TOP View
+
+
GND
EN
Hi-ON
Lo-OFF
SPX3819
SOT-23
1
2
3
4
5
V
IN
V
OUT
R1
R2
TOP View
Figure 1. Standard Application Circuit
Figure 2. Typical Adjustable Output Voltage Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com