Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7106RCPL Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC7106RCPL
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7106RCPL Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC7106RCPL Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 13 of 22
3.AUTO-ZERO CAPACITOR
The size of the auto-zero capacitor has some influence on the noise of the system. For 200mV full scale where
noise is very important, a 0.47
µF capacitor is recommended. On the 2V scale, a 0.047µF capacitor increases the
speed of recovery from overload and is adequate for noise on this scale.
4.REFERENCE CAPACITOR
A 0.1
µF capacitor gives good results in most applications. However, where a large common mode voltage
exists (i.e., the REF LO pin is not at analog COMMON) and a 200mV scale is used, a larger value is required to
prevent roll-over error. Generally 1
µF will hold the roll-over error to 0.5 count in this instance.
5.OSCILLATOR COMPONENTS
For all ranges of frequency a 100k
Ω resistor is recommended and the capacitor is selected from the equation:
f=0.45/RC, for 48kHz clock (3 Readings/sec), C=100pF.
6.REFERENCE VOLTAGE
The analog input required to generate full-scale output (2000 counts) is: VIN=2VREF. Thus, for the 200mV and
2V scale, VREF should equal 100mV and 1V, respectively. However, in many applications where the A/D is
connected to a transducer, there will exist a scale factor other than unity between the input voltage and the digital
reading. For instance, in a weighing system, the designer might like to have a full-scale reading when the voltage
from the transducer is 0.662V. Instead of dividing the input down to 200mV, the designer should use the input
voltage directly and select VREF=0.341V. Suitable values for integrating resistor and capacitor would be 120k
Ω
and 0.22
µF. This makes the system slightly quieter and also avoids a divider network on the input. The SC7107
with
±5V supplies can accept input signals up to ±4V. Another advantage of this system occurs when a digital
reading of zero is desired for VIN
≠0. Temperature and weighing systems with a variable fare are examples. This
offset reading can be conveniently generated by connecting the voltage transducer between IN HI and COMMON
and the variable (or fixed) offset voltage between COMMON and IN LO.
7.SC7107 POWER SUPPLIES
The SC7107 is designed to work from
±5V supplies. However, if a negative supply is not available, it can be
generated from the clock output with 2 diodes, 2 capacitors, and an inexpensive IC. Figure 10 shows this
application.
In fact, in selected applications no
negative
supply
is
required.
The
conditions to use a single +5V supply
are:
1) The input signal can be referenced
to the center of the common mode
range of the converter.
2) The signal is less than
±1.5V.
3) An external reference is used.
FIGURE 10. GENERATING NEGATIVE SUPPLY FROM +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com