Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9200AS Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9200AS
Description  DTMF GENERATOR WITH MICROPROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9200AS Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9200AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC9200
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 1 of 10
DTMF GENERATOR WITH MICRO-PROCESSOR INTERFACE
DIP-8
DIP-14
SOP-8
SOP-14
DESCRIPTION
The SC9200 tone generators are designed for
µC interfaces. They can
be instructed by a
µC to generate 16 dual tones and 8 single tones from
the DTMF pin. The SC9200A/AS provides a serial mode whereas the
SC9200B/BS contains a selectable serial/parallel mode interface for
various applications
FEATURES
* Operating voltage: 2.0V~5.5V
* Serial mode for the SC9200A/AS
* Serial/parallel mode for the SC9200B/BS
* Low standby current
* Low total harmonic distortion
* 3.58MHz crystal or ceramic resonator
APPLICATIONS
* Security systems
* Home automation
* Remote control through telephone lines
* Communication system, etc.
ORDERING INFORMATION
Part No.
Package
SC9200A
DIP-8-300-2.54
SC9200B
DIP-14-300-2.54
SC9200AS
SOP-8-225-1.27
SC9200BS
SOP-14-225-1.27
BLOCK DIAGRAM


Similar Part No. - SC9200AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9200A ETC-SC9200A Datasheet
124Kb / 9P
DTMF GENERATORS
More results

Similar Description - SC9200AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
MCU with DTMF/melody generator
logo
National Semiconductor ...
TP5089 NSC-TP5089 Datasheet
119Kb / 6P
TP5089 DTMF (TOUCH-TONE) Generator
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
DTMF GENERATOR
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
DTMF Generator
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
DTMF GENERATOR
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
On-chip DTMF generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com