Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8204A4F Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC8204A4F
Description  FAN REMTORE CONTROL DECODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8204A4F Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC8204A4F Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8204A4F Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC8204
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 9
(Continued)
Part
Package
Accumulated
Non-
accumulated
Independent
ON/OFF
Light control
SC8204A4KF
--
--
SC8204A4KFL
--
SC8204N8F
--
--
--
SC8204N8FL
--
--
SC8204N8KF
--
--
SC8204N8KFL
SDIP-24-300-2.54
--
Note: “A4”indicated have four time output (0.5, 1, 2, 4 hours) accumulated timer mode.
“N4”indicated have four time output (0.5, 1, 2, 4 hours) non-accumulated timer mode.
“N3”indicated have three time output (1, 2, 4 hours) non-accumulated timer mode.
“N8”indicated have four time output (1, 2, 4, 8 hours) non-accumulated timer mode.
“F”indicated have two working mode for selectable, and low wind start-up mode.
“L”indicated have light output mode.
BLOCK DIAGRAM
Oscillator
Timing
Rectifier
Decode
Key Sense
and
Working
Mode
Select and
LED Scan
Intput
Memory
Timer
Buzzer
Swing
Light
Output
LED
Scan
Speed
and
Assistant
Control
VDD
VSS
LOW
Fan
STR
COM 1
SHO1
SHO2
LTO
OFF
DI
OSCO
OSCI
BUZ
TIMER
SPEED
MODE
SWING1
LIGHT
COM 2
COM 3
SWING2
SELECT
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.3~6
V
Input/output Voltage
VIN
VSS -0.3V~VDD+0.3V
V
Power Consumption
PD
500
mW
Operating Temperature
Topr
-10 ~ +70
°C
Storage Temperature
Tstg
-40~+125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com