Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC91710AS Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC91710AS
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91710AS Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC91710AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SC91710A/B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.03.07
Http: www.silan.com.cn
Page 2 of 18
BLOCK DIAGRAM
KEYBOARD ASSIGNMENT
C1
C2
C3
C4
R1
1
2
3
P
→T
R2
4
5
6
F
R3
7
8
9
P
R4
*
0
#
RD
1) P
→T: In pulse mode, execute P→T function.
2) P: Pause key.
3) F: Flash key
4) RD: Redial key
DIALING SIGNAL OPTION
A: Flash time
B:
Row3
Row4
Flash time(ms)
Row1
Row2
MODE
PULSE RATE
M/B
NR
NR
600
R
NR
TONE
--
--
NR
R
300
R
R
TONE
--
--
R
NR
100
NR
NR
PULSE
20PPS
40:60
R
R
80
NR
R
PULSE
20PPS
33:66
UR
NR
PULSE
10PPS
40:60
UR
R
PULSE
10PPS
33:66
C: Tone function
Col1
Tone Duration
Inter-Tone Pause
NR
98ms
98ms
R
83ms
83ms
Note: NR: no resistance
R: A resistance connect to VSS (820k
Ω typically)
UR: A resistance connect to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com