Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4620825 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC4620825
Description  1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC4620825 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC4620825 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC4620825 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SC46208
ORDERING INFORMATION
Device no
Seal name
Package
Remark
SC46208
6208
SOT-23-5
SC4620810
20810
SOT-23-5
SC4620812
20812
SOT-23-5
SC4620815
20815
SOT-23-5
SC4620818
20818
SOT-23-5
SC4620825
20825
SOT-23-5
SC46208XX
SC4620833
20833
SOT-23-5
Note: “××” indicates the output
voltage:
Default: adjustable
10 :1.0V
12 :1.2V
15 :1.5V
18 :1.8V
25 :2.5V
33 :3.3V
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.09.10
Http://www.silan.com.cn
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com