Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST2000
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST2000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4ST2000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST2000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST2000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST2000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST2000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4ST2000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
MA4ST2000 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.4155721
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Part Number
(Contains lead)
RoHS Compliant Part Number
Configuration
Package Package Cp (pF) Package Ls (nH)
MAVR-002200-12790T
Single
SC-79
0.10
0.6
MAVR-002300-12790T
Single
SC-79
0.10
0.6
MAVR-002400-12790T
Single
SC-79
0.10
0.6
MAVR-002600-12790T
Single
SC-79
0.10
0.6
MAVR-002200-11410T
Single
SOD-323
0.11
1.2
MAVR-002300-11410T
Single
SOD-323
0.11
1.2
MAVR-002400-11410T
Single
SOD-323
0.11
1.2
MAVR-002500-11410T
Single
SOD-323
0.11
1.2
MA4ST2200CK-1146T
MAVR-002200-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2300CK-1146T
MAVR-002300-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2400CK-1146T
MAVR-002400-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2500CK-1146T
MAVR-002500-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MAVR-002600-11410T
Single
SOD-323
0.11
1.2
MAVR-002500-12790T
Single
SC-79
0.10
0.6
MA4ST2600CK-1146T
MAVR-002600-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
SOD-323
SC-70 (3 lead)
SC-79
Features
• Ultra High Capacitance Ratio,
C(0.1V)/C(4.7V) =18:1
C(0.1V)/C(2.7V) = 12:1
• Surface Mount Plastic Packages: SC-79, SOD-
323, SC-70, 3 Lead
• SPC Process for Superior C vs. V and Q vs. V
Repeatability
• RoHS Compliant equivalents available with 260°C
reflow compatibility
Description and Applications
M/A-COM’s MA4ST2000 series is a highly repeatable,
UHCVD/ion-implanted,
hyperabrupt
silicon
tuning
varactor in a cost effective surface mount package.
This series of varactors is designed for high capaci-
tance ratio for low battery voltage operation. It is effi-
cient for wide band tuning and low phase noise appli-
cation where the supply voltage is limited to 5 volts or
less. Varactors in this series have a typical 18:1 ca-
pacitance ratio between 0.1 V and 4.7 V and a 12:1
ratio between 0.1 V and 2.7 V. The Varactors are of-
fered as Singles in both SC-79 and SOD-323 configu-
rations with Common Cathode version offered in a
SC-70, 3 Lead. These diodes are offered with stan-
dard Sn/Pb plating , as well as 100% matte Sn plating
on our RoHs compliant equivalent devices.
Specifications subject to change without prior notification


Similar Part No. - MA4ST2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST2000

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
High Tuning Ratio Silicon Hyperabrupt Varactor Diode
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com