Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0001 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0001
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0001 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise CATV Amplifier
50 - 870 MHz
Rev. V2
MAAMSS0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
—
dB
11.5
12.0
13.0
Gain Flatness
—
dB
—
0.35
—
Noise Figure
50-150 MHz
150-870 MHz
dB
dB
—
—
3.8
2.8
4.0
—
Input Return Loss
—
dB
—
15
—
Output Return Loss
—
dB
—
11
—
IP3
Two tones at 397 & 403 MHz, +4 dBm output per tone
dBm
—
33
—
Composite Triple Beat, CTB
135 Channels, +25 dBmV/Channel at the output
dBc
—
-72.5
-70
Composite Second Order, CSO
135 Channels, +25 dBmV/Channel at the output
dBc
—
-75
-70
Cross modulation
135 Channels, +25 dBmV/Channel at the output
dBc
—
-64
—
P1dB
400 MHz
dBm
—
23
—
IDD
+ 5 Volts
mA
—
190
225
Electrical Specifications: TA = 25°C, Freq: 50 - 870 MHz, VDD = +5 Volts, Z0 = 75 ohms,
Test Circuit with M/A-COM Balun ETN1-1-13TR
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SOICN-16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com