Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0040 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0040
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0040 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Low Noise CATV Amplifier
50 - 870 MHz
Rev. V1
MAAMSS0040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Gain vs POUT at 400 MHz vs. Temperature
Qty
Description
8
Capacitor, 0.01 µF, 0603, SMT, 10%
(C1-C8)
2
Inductor, 390 nH, 1008, SMT, 10%
(L1, L2)
2
Balun, 1:1, M/A-COM, ETN1-1-13TR, SMT
(T1, T2)
External Circuitry Parts List
Test Circuit Schematic
The 1:1 baluns, T1 & T2, are M/A-COM part number ETN1-1-13TR.
C6
C8
C7
C4
L2
T2
L1
C5
C3
C1
C2
T1
RF IN
RF OUT
+5V
+5V
Recommended PCB Configuration with
0.031” thick FR4
Recommended Test Circuit Layout
9
10
11
12
13
14
19
20
21
22
23
24
+25°C
+85°C
-40°C
P
OUT
(dBm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com