Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0067 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0067
Description  Low Noise CATV Amplifier 50 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0067 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0067 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0067 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0067 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0067 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0067
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
—
dB
11.5
12.2
13.0
Gain Flatness
—
dB
—
0.4
1.0
Noise Figure
—
dB
—
3.3
4.0
Input VSWR
—
Ratio
—
1.3:1
—
Output VSWR
—
Ratio
—
1.5:1
—
Output IP3
Two tones at 397 & 403 MHz, +4 dBm output per tone
dBm
—
32
—
Composite Triple Beat, CTB
135 Channels, +13 dBmV/Channel at the input
dBc
—
-78
-70
Composite Second Order, CSO
135 Channels, +13 dBmV/Channel at the input
dBc
—
-78
-70
Cross modulation
135 Channels, +13 dBmV/Channel at the input
dBc
—
-73
-64
P1dB
400 MHz
dBm
—
24
—
IDD
+5 Volts
mA
—
190
225
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 ohms
Test Circuit with M/A-COM Balun ETN1-1-13
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Qty
Description
8
Capacitor, 0.01 uF, 0603, SMT, 10% (C1-C8)
2
Capacitor, 2 pF, 0402, SMT, ± 0.25pF (C9-C10)
2
Inductor, 390 nH, 1008, SMT, 10% (L1, L2)
2
Balun, 1:1, M/A-COM, ETN1-1-13, SMT (T1,T2)
2
Resistor, 0 ohms, 0603, SMT (R1, R2)
External Circuitry Parts List
Test Circuit Schematic
5
5. The 1:1 baluns, T1 & T2, are M/A-COM part number
ETN1-1-13.
RF IN
T1
T2
C2
C7
C8
L2
C6
L1
C5
+5V
+5V
C3
C4
C1
RF
OUT
R2
R1
C9
C10
RF IN
T1
T2
C2
C7
C8
L2
C6
L1
C5
+5V
+5V
C3
C4
C1
RF
OUT
R2
R1
C9
C10
6. Reference M/A-COM Application Note S2083 for
recommended PCB configuration. R1 and R2 are 0 ohms.
Recommended Test Circuit Layout
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com