Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0067SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0067SMB
Description  Low Noise CATV Amplifier 50 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0067SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0067SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0067SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0067SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0067SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0067
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Distortion
• Low Noise Figure
• Push Pull Design
• Single Positive Supply
• Lead-Free 4 mm 20-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAMSS0003
Description
M/A-COM’s MAAMSS0067 is a GaAs PHEMT MMIC
amplifier in a lead-free 4 mm 20-lead PQFN
package. The MMIC design is configured as a pair
of
cascode
PHEMT
amplifiers
for
broadband
performance.
It
is designed for integration in a
75-ohm push-pull, low distortion, amplifier circuit.
The device is ideally suited for use in CATV, DBS,
and HDTV applications where low noise figure and
low distortion are required.
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
Functional Schematic
Pin No.
Pin Name
Description
1
N/C
No Connection
2
N/C
No Connection
3
FB1
Feedback 1
4
N/C
No Connection
5
N/C
No Connection
6
RI1
RF Input 1
7
N/C
No Connection
8
N/C
No Connection
9
N/C
No Connection
10
RI2
RF Input 2
11
N/C
No Connection
12
N/C
No Connection
13
FB2
Feedback 2
14
N/C
No Connection
15
N/C
No Connection
16
RO2
RF Output 2
17
N/C
No Connection
18
N/C
No Connection
19
N/C
No Connection
20
RO1
RF Output 1
Pin Configuration
4
Ordering Information
1
Part Number
Package
MAAMSS0067
Bulk Packaging
MAAMSS0067TR-3000
3000 piece reel
MAAMSS0067SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
N/C
N/C
N/C
FB1
N/C
N/C
N/C
FB2
N/C
N/C
RI1
N/C
N/C
N/C
RI2
RO1
N/C
N/C
N/C
RO2
text
text
text
text
text
text
text
text
text
text
N/C
N/C
N/C
FB1
N/C
N/C
N/C
FB2
N/C
N/C
RI1
N/C
N/C
N/C
RI2
RO1
N/C
N/C
N/C
RO2
text
text
text
text
text
text
text
text
text
text
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAMSS0067SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0067SMB MACOM-MAAMSS0067SMB Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0067SMB MA-COM-MAAMSS0067SMB Datasheet
668Kb / 5P
Low Noise CATV Amplifier
More results

Similar Description - MAAMSS0067SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MACOM-MAAMSS0041 Datasheet
159Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com